Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-1B-R

  • AI
    The **SVB-1B-R** is an electronic component primarily associated with industrial automation and fluid control systems. Specifically, it is a **Solenoid Valve Connector** (often referred to as a DIN connector or junction box) manufactured by companies like **SMC Corporation**. Below is a detailed breakdown of its electronic parts and technical specifications. --- ## 1. Functional Overview The SVB-1B-R serves as the electrical interface between a control system (PLC) and a solenoid valve. It protects the electrical contacts from moisture and dust while providing a secure plug-in connection. | Feature | Specification | | :--- | :--- | | **Component Type** | DIN Terminal / Connector | | **Circuitry** | Standard (with Indicator Light) | | **Rated Voltage** | Typically 100V AC or 24V DC (Model dependent) | | **Color/Indicator** | Red (The "R" suffix often denotes a Red LED indicator) | | **Protection Class** | IP65 (Dust-tight and water-resistant) | --- ## 2. Key Electronic Internal Parts ### A. Terminal Block * **Material:** Conductive brass or copper alloy with silver/gold plating. * **Function:** Provides the physical connection points for the lead wires coming from the power source. Usually features 2 pins + 1 ground (Earth) or 3 pins. ### B. LED Indicator Circuit * **LED (Light Emitting Diode):** The "R" in the part number indicates a **Red LED**. * **Current Limiting Resistor:** A small resistor integrated into the PCB to prevent the LED from burning out when connected to the rated voltage. * **Function:** Provides visual confirmation that power is being supplied to the solenoid. ### C. Surge Suppressor (Varistor or Diode) * **Component:** Often contains a Zener diode or a MOV (Metal Oxide Varistor). * **Function:** Solenoids are inductive loads. When power is cut, they generate a high-voltage spike (back-EMF). The suppressor "clamped" this voltage to protect sensitive PLC outputs from damage. ### D. Housing and Gasket * **Body Material:** Polyamide (Nylon) or specialized plastic. * **Gasket:** A rubber seal (NBR or Silicone) that ensures the electrical pins remain dry in industrial environments. --- ## 3. Wiring Diagram Concept The SVB-1B-R typically follows the DIN 43650 standard. ```text Pin 1: Positive (+) / Line (L) Pin 2: Negative (-) / Neutral (N) Pin 3: Not used or Ground Earth Symbol: Ground / PE ``` --- ## 4. Common Applications * **Pneumatic Control:** Connecting to SMC's VZ, VF, or VQ series valves. * **Industrial Robotics:** Actuating cylinders via electrical signals. * **Automated Tooling:** Used in environments where oil and coolant resistance is required.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SVB-1B-R and the SVB-1B-G model?
    • ⤷ How do you test if the surge suppressor in this connector is functioning correctly?
    • ⤷ What are the specific torque requirements for the center screw on this DIN connector?