Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-39-R/Q

  • AI
    The **SVB-39-R/Q** refers to a high-performance **Step Variable Attenuator** module. These components are critical in RF (Radio Frequency) and microwave engineering for controlling signal levels with high precision without distorting the waveform. --- ### 1. Component Overview The SVB series typically utilizes a combination of resistive networks and high-speed switches (often GaAs FETs or PIN diodes) to provide programmable attenuation levels. | Feature | Description | | :--- | :--- | | **Type** | Step Variable Attenuator | | **Frequency Range** | Usually DC to 3 GHz (Varies by sub-model) | | **Control Interface** | Parallel or Serial digital control | | **Impedance** | 50 Ohms (Standard RF normalization) | | **Suffix Significance** | **-R**: Often denotes RoHS compliance; **-Q**: Often denotes specific packaging or qualification grade. | --- ### 2. Key Electronic Characteristics These parts are defined by several technical parameters that dictate how they handle electromagnetic signals: * **Attenuation Range:** Usually offers a total range (e.g., 0 to 31.5 dB) divided into discrete steps. * **Step Size:** The smallest increment of change, typically **0.5 dB or 1 dB**. * **Insertion Loss:** The amount of signal lost even when the attenuation is set to "0". Lower is better. * **Switching Speed:** The time it takes for the internal circuitry to change from one attenuation state to another (measured in microseconds). * **IP3 (Third-Order Intercept):** A measure of linearity; high IP3 ensures the part doesn't create interference when multiple signals are present. --- ### 3. Internal Block Diagram Concept Internally, the SVB-39-R/Q consists of a "ladder" of attenuator pads. ```mermaid graph LR Input --> S1[Switch 1] S1 --> P1[1dB Pad] P1 --> S2[Switch 2] S2 --> P2[2dB Pad] P2 --> S3[Switch 3] S3 --> Output ``` ### 4. Common Applications 1. **Base Stations:** Adjusting signal strength in cellular towers. 2. **Test Equipment:** Automated gain control in signal generators. 3. **Military Communications:** Signal leveling in ruggedized radio sets. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the SVB-39-R/Q?
    • ⤷ Does this model require a positive or negative control voltage?
    • ⤷ What are the physical dimensions and mounting type for this component?