Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-3DW-R/CE

  • AI
    The **SVB-3DW-R/CE** is a specialized electronic component primarily used in industrial automation, specifically within safety and monitoring systems. This model typically refers to a **Safety Relay** or a **Safety Controller Module** designed to monitor safety devices like emergency stops, light curtains, or safety gates. --- ### Technical Specifications & Components The "R/CE" suffix generally indicates specific compliance with European safety standards (CE) and a relay-based output system. | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | Typically 24V DC or 110/230V AC (depending on specific sub-model) | | **Output Type** | Relay Contacts (Normally Open/Normally Closed) | | **Safety Category** | Often rated up to Cat 4 / PLe (ISO 13849-1) | | **Housing** | DIN Rail mountable industrial plastic | | **Termination** | Screw terminals for secure wiring | --- ### Internal Electronic Architecture The device functions through a series of redundant electronic stages to ensure failure-proof operation: 1. **Input Conditioning Circuitry:** Filters noise and stabilizes signals coming from external sensors or E-stop buttons. 2. **Redundant Logic (Microcontrollers):** Uses dual-channel processing to compare input signals. If a discrepancy is detected between the two channels, the device triggers a safe shutdown. 3. **Force-Guided Relays:** Unlike standard relays, these use a mechanical linkage that prevents contacts from welding shut, ensuring the circuit can always be opened in an emergency. 4. **Feedback Loop:** A dedicated circuit monitors the status of external contactors to ensure they have actually de-energized. ### Pinout and Connection Logic While wiring varies by application, the standard electronic interface follows this logic: ```mermaid graph LR A[S11/S12: Channel 1] --> B{Safety Logic} C[S21/S22: Channel 2] --> B B --> D[13/14: Safety Out 1] B --> E[23/24: Safety Out 2] B --> F[X1/X2: Feedback Loop] ``` ### Application Use Cases * **Emergency Stop Monitoring:** Disconnects power to motors immediately when a button is pressed. * **Safety Gate Interlocking:** Prevents a machine from starting if a protective door is open. * **Two-Hand Control:** Ensures operators have both hands on controls before a hazardous movement occurs. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for connecting an E-stop to this relay?
    • ⤷ How does the 'force-guided relay' mechanism differ from a standard relay?
    • ⤷ What are the common troubleshooting steps for a 'Channel Fault' on this module?