Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-3G-R/Q

  • AI
    The **SVB-3G-R/Q** refers to a high-performance **3G-SDI Video SFP (Small Form-factor Pluggable) Module**. These components are critical in broadcast engineering and professional video distribution networks. Below is a breakdown of its electronic specifications and technical architecture. --- ### 1. Technical Specifications The "3G" in the model name indicates support for 3Gbps bandwidth, which is necessary for 1080p60 high-definition video transmission. | Feature | Specification | | :--- | :--- | | **Data Rate** | Up to 2.97 Gbps (3G-SDI) | | **Interface Type** | SFP (Plug-and-Play) | | **Connector Type** | Dual LC (Fiber) or Micro-BNC/HD-BNC (Coaxial) | | **Standards** | SMPTE 424M, 292M, 259M | | **Wavelength** | 1310nm (Standard) or CWDM Grid | | **Voltage** | 3.3V (Typical) | --- ### 2. Core Electronic Components Inside the SVB-3G-R/Q module, several key electronic stages process the video signal: #### A. Reclocker (The "R" in the model) * **Function:** The internal integrated circuit (IC) performs **Clock and Data Recovery (CDR)**. * **Purpose:** It suppresses jitter (timing errors) that accumulates over long distances. By "reclocking" the signal, the module ensures the output video is clean and compliant with SMPTE standards. #### B. Laser Driver / TOSA (Transmitter) * **TOSA:** Transmitter Optical Sub-Assembly. * **Driver:** Converts the electrical differential signals from the host board into modulated light pulses for fiber optic transmission. #### C. ROSA (Receiver) * **ROSA:** Receiver Optical Sub-Assembly. * **Function:** Features a high-sensitivity photodiode that converts incoming light back into electrical signals. #### D. EEPROM (I2C Interface) * **Function:** Stores identification data (Manufacturer, Serial Number, Wavelength). * **Digital Diagnostics (DDM):** Allows the host system to monitor temperature, voltage, and laser bias current in real-time. --- ### 3. Suffix Meanings (R/Q) In professional video electronics, these letters often denote specific configurations: * **R (Reclocker):** Indicates the unit contains active circuitry to clean the signal. * **Q (Dual/Quad or Quality Grade):** Often indicates a **Dual Receiver** or **Dual Transmitter** configuration, allowing two independent 3G-SDI signals to pass through a single SFP slot. --- ### 4. Comparison of Signal Types | Signal Type | Resolution Support | Bitrate | | :--- | :--- | :--- | | **SD-SDI** | 480i / 576i | 270 Mbps | | **HD-SDI** | 720p / 1080i | 1.485 Gbps | | **3G-SDI** | 1080p60 | 2.97 Gbps | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Reclocked SFP and a Non-Reclocked SFP?
    • ⤷ How far can the SVB-3G-R/Q transmit signal over single-mode fiber?
    • ⤷ Are these modules hot-swappable in a live broadcast switcher?