Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-48W-R

  • AI
    Based on the technical nomenclature for industrial control components, the **SVB-48W-R** typically refers to a **48-Watt Industrial Switching Power Supply** or a specialized **LED Driver** designed for DIN-rail or chassis mounting. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 85 ~ 264V AC | Universal AC input range (Global standard) | | **Output Power** | 48 Watts | Maximum continuous power delivery | | **Output Voltage** | 12V or 24V DC | Common configurations (Model specific) | | **Efficiency** | >85% | Energy conversion efficiency | | **Mounting** | DIN-Rail / Surface | Standard industrial cabinet mounting | --- ### 2. Internal Electronic Components The device is a **Switch Mode Power Supply (SMPS)**. Its internal architecture consists of the following core stages: #### A. Input Filtering & Protection * **Bridge Rectifier:** Converts incoming AC voltage to unregulated DC. * **MOV (Metal Oxide Varistor):** Protects the circuit from high-voltage surges or lightning strikes. * **EMI Filter:** Inductors and capacitors that prevent electromagnetic interference from leaking back into the power grid. #### B. Switching & Transformation * **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain a stable output. * **Power MOSFET:** A high-speed transistor that switches the DC current at high frequencies (usually 50kHz - 100kHz). * **High-Frequency Transformer:** Steps down the voltage and provides galvanic isolation between the input and output. #### C. Output Rectification & Feedback * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back to DC. * **Optocoupler:** Provides a feedback loop to the PWM controller while maintaining electrical isolation, ensuring the output voltage remains constant regardless of load changes. --- ### 3. Application Use Cases * **Industrial Automation:** Providing stable power to PLCs (Programmable Logic Controllers). * **Security Systems:** Powering CCTV cameras and electronic locks. * **LED Lighting:** Constant voltage source for architectural or industrial LED strips. --- ### 4. Safety Features The "R" suffix often denotes **Redundancy** capability or **RoHS** compliance, featuring: 1. **Short Circuit Protection (SCP):** Automatic recovery after the fault is removed. 2. **Overload Protection (OLP):** Limits current to prevent overheating. 3. **Overvoltage Protection (OVP):** Shuts down the unit if the internal feedback loop fails.
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage for the SVB-48W-R model?
    • ⤷ Can this power supply be used in parallel for higher wattage?
    • ⤷ How does the 'R' suffix change its wiring compared to standard models?