Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-4D-R

  • AI
    The **SVB-4D-R** is an industrial-grade safety control component, typically identified as a **Safety Relay** or **Safety Monitoring Module** often used in machinery emergency stop systems or light curtain monitoring. ### 1. Technical Specifications The following table outlines the primary electrical characteristics of the SVB-4D-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Supply Voltage** | 24V DC / 110V AC / 230V AC (Model dependent) | | **Contact Configuration** | 4 NO (Normally Open) Safety Contacts | | **Auxiliary Contacts** | 1 NC (Normally Closed) Signaling Contact | | **Switching Capacity** | 6A at 250V AC / 24V DC | | **Response Time** | < 20ms | | **Safety Category** | Up to Category 4 (EN ISO 13849-1) | | **Mounting Type** | DIN Rail (35mm) | --- ### 2. Core Electronic Components & Architecture The device functions through a "Redundant Architecture" to ensure safety. Its internal electronic layout includes: * **Redundant Force-Guided Relays:** The "R" in the suffix usually refers to the internal relays. These are mechanically linked so that if one contact welds, the other cannot close, preventing a dangerous failure state. * **Dual-Channel Input Logic:** It monitors two separate input circuits (e.g., from a dual-channel E-stop). If there is a discrepancy between the channels, the device locks into a safe state. * **Feedback Loop (EDM):** Includes terminals for External Device Monitoring. It checks that external contactors have actually dropped out before allowing a restart. * **LED Indicators:** Typically features three diagnostic LEDs: 1. **Power:** Logic power is present. 2. **CH1:** Input channel 1 status. 3. **CH2:** Input channel 2 status. --- ### 3. Wiring Terminal Breakdown The electronic terminals are usually labeled as follows: | Terminal Label | Function | | :--- | :--- | | **A1 / A2** | Power Supply (Positive/Negative) | | **S11 / S12** | Input Channel 1 | | **S21 / S22** | Input Channel 2 | | **13-14, 23-24...** | Safety Output Contacts (NO) | | **41-42** | Auxiliary Monitoring Contact (NC) | | **S33 / S34** | Start/Reset Button Circuit | --- ### 4. Safety Logic Function The SVB-4D-R acts as an intermediary. Instead of wiring an Emergency Stop button directly to a motor, the button is wired to the **SVB-4D-R inputs**. The **SVB-4D-R outputs** then control the motor's power contactor. This ensures that even if a single electronic component inside the relay fails, the machine will still come to a safe stop.
    ✨ Follow-up Questions
    • ⤷What is the wiring difference between manual and automatic reset for this relay?
    • ⤷ How do I troubleshoot if the CH1 LED is off but CH2 is on?
    • ⤷ Can the SVB-4D-R be used with PNP safety sensors?