Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-4D-R/CE

  • AI
    The **SVB-4D-R/CE** is a high-performance, industrial-grade solenoid valve block typically used in pneumatic and hydraulic control systems. It is designed to interface electronic control signals with mechanical fluid power. --- ### 1. Key Electronic Components & Specifications The electronic architecture of the SVB-4D-R/CE revolves around low-power actuation and standardized industrial connectivity. | Feature | Specification Details | | :--- | :--- | | **Coil Voltage** | Typically 24V DC (Standard for Industrial Automation) | | **Power Consumption** | Low wattage (often between 1.5W to 4W per solenoid) | | **Duty Cycle** | 100% ED (Continuous operation capability) | | **Connector Type** | DIN 43650 Form C or M12 connection (depending on sub-variant) | | **Protection Class** | IP65 (Dust-tight and protected against water jets) | | **LED Indicators** | Integrated status LEDs for visual troubleshooting | --- ### 2. Electronic Functionality The device functions as an **electromechanical transducer**. Here is the breakdown of its electronic operation: * **Solenoid Actuator:** The core electronic part is the electromagnetic coil. When current flows through it, a magnetic field is generated to move a plunger, shifting the valve position. * **Surge Suppression:** Most "R/CE" models include integrated diodes or varistors. These protect the PLC (Programmable Logic Controller) outputs from "flyback" voltage spikes when the coil is de-energized. * **Control Interface:** It is designed to be driven directly by digital output modules of a PLC or through an I/O Link hub in smart manufacturing setups. --- ### 3. Nomenclature Breakdown (Electronic Context) Understanding the suffix helps in identifying the electronic requirements: * **SVB:** Series identifier (Solenoid Valve Block). * **4D:** Indicates a 4-way directional valve configuration. * **R:** Often signifies "Redundant" or a specific "Reset" spring electronic return mechanism. * **CE:** Certification mark, ensuring the electronic components meet European safety, health, and environmental protection standards (including EMC - Electromagnetic Compatibility). --- ### 4. Wiring Diagram Concept ```yaml Terminal 1: Positive (+24V DC) - Trigger Signal from PLC Terminal 2: Negative (0V / Common) Terminal 3/Earth: Grounding for safety and noise reduction ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this valve block?
    • ⤷ Does the SVB-4D-R/CE support I/O Link communication?
    • ⤷ What are the common failure modes for the solenoid coils in this model?