Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-4DW-R/CE

  • AI
    The **SVB-4DW-R/CE** is a high-performance **Safety Relay Module** manufactured by **IDEC** (often part of their safety networking or light curtain controller series). This component is designed to monitor safety inputs and ensure a fail-safe state in industrial automation environments. --- ### ## Technical Specifications Overview The "R/CE" suffix indicates that the unit is a relay output model and is compliant with European (CE) safety standards. | Component Feature | Specification | | :--- | :--- | | **Device Type** | Safety Relay Control Module | | **Input Voltage** | 24V DC | | **Safety Category** | Up to Category 4 (EN ISO 13849-1) | | **Performance Level** | PL e | | **Outputs** | 4 Normally Open (NO) Safety Outputs | | **Auxiliary Output** | 1 Normally Closed (NC) Monitoring Output | | **Mounting** | 35mm DIN Rail | | **Terminal Type** | Screw Terminals (Detachable) | --- ### ### Key Electronic Components & Internal Logic The internal architecture of the SVB-4DW-R/CE is built around **Redundancy** and **Self-Monitoring**. 1. **Dual Microprocessors:** The unit typically uses two independent CPUs that cross-check each other. If one CPU detects a discrepancy in the input signals, the system triggers a "Safe Off" state. 2. **Force-Guided Relays:** Unlike standard relays, these have mechanically linked contacts. If one contact welds shut, the linked contact remains open, preventing the safety circuit from resetting and providing a hardware-level fault detection. 3. **Opto-Isolators:** These isolate the internal logic circuitry from the external 24V field wiring to prevent electrical surges from damaging the controller. 4. **Feedback Loop (EDM):** The device includes an External Device Monitoring circuit. This allows the electronic logic to verify that external contactors have actually switched before allowing a restart. --- ### ### Typical Wiring Configuration Safety relays are wired in a "dual-channel" configuration to ensure that a single wire break or short circuit does not result in a loss of safety function. ```yaml Terminal | Function ---------|------------------------------------ A1 / A2 | Power Supply (+24V DC / 0V) S11 / S12| Channel 1 Input (e.g., E-Stop Switch) S21 / S22| Channel 2 Input (e.g., Light Curtain) 13 / 14 | Safety Output 1 (NO) 23 / 24 | Safety Output 2 (NO) 33 / 34 | Safety Output 3 (NO) 43 / 44 | Safety Output 4 (NO) 51 / 52 | NC Auxiliary Monitoring Contact ``` --- ### ### Diagnostic LED Indicators The front panel contains electronic status indicators essential for troubleshooting: * **PWR:** Power is supplied to the unit. * **CH1/CH2:** Status of the dual safety input channels. * **OUT:** Status of the safety output relays. * **FAULT:** Blinking patterns indicate internal electronic failure or wiring shorts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R/CE and the solid-state output versions of this module?
    • ⤷ How do you wire the feedback loop for External Device Monitoring (EDM) on this model?
    • ⤷ What are the specific fault codes indicated by the LED blinking patterns?