Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-4F-R

  • AI
    The **SVB-4F-R** is a specific electronic component primarily identified as an **SMT (Surface Mount Technology) Vertical-type Tactile Switch**. These components are widely used in consumer electronics, automotive controls, and industrial interfaces. --- ### 1. Key Technical Specifications Below are the general specifications typical for the SVB-4F-R series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile Switch | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Orientation** | Vertical (Top Actuated) | | **Circuit Configuration** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Contact Current Rating** | 50mA @ 12V DC (Typical) | | **Operating Force** | 160gf to 250gf (Depending on specific sub-model) | | **Travel distance** | 0.25mm ± 0.1mm | --- ### 2. Physical Characteristics The "4F" and "R" in the part number often denote specific physical attributes: * **Size Profile:** Generally falls into the micro-miniature category (often 6x6mm or smaller). * **Actuator Type:** Usually features a round plunger (button) for manual interaction. * **Packaging (R):** The "R" suffix typically indicates **Tape and Reel** packaging, which is essential for automated pick-and-place assembly lines. --- ### 3. Internal Components and Materials The switch is composed of several high-precision layers: 1. **Cover:** Stainless steel or nickel-plated brass to protect internal mechanics. 2. **Actuator:** A thermoplastic (like PPA or Nylon) plunger that the user presses. 3. **Contact Dome:** A stainless steel or phosphor bronze dome that provides the "click" feel and completes the electrical circuit. 4. **Base:** High-temperature resistant plastic capable of withstanding reflow soldering temperatures. 5. **Terminals:** Silver-plated or gold-plated copper alloy for high conductivity and oxidation resistance. --- ### 4. Common Applications Due to its tactile feedback and compact footprint, the SVB-4F-R is found in: * **Consumer Electronics:** Remote controls, cameras, and headphones. * **Computing:** Mouse buttons and laptop power switches. * **Industrial:** Interface panels and reset buttons on PCBs.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the SVB-4F-R layout?
    • ⤷ Does this switch come in different operating force (gf) variations?
    • ⤷ Is the SVB-4F-R compatible with lead-free reflow soldering?