Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-4W8W-R

  • AI
    The **SVB-4W8W-R** is a specific electronic component typically identified as a **Rotary Switch** or **Main Load Switch** (often part of a disconnect system) used in industrial automation and power distribution. It is frequently associated with the **Schneider Electric (Varcio)** or **Telemecanique** product lines. --- ### 1. Technical Specifications Below are the primary electronic and mechanical characteristics of the SVB-4W8W-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Rotary Disconnect Switch / Emergency Stop Switch | | **Current Rating ($I_{th}$)** | Usually ranges from 12A to 32A (depending on frame size) | | **Voltage Rating ($U_e$)** | Up to 690V AC | | **Number of Poles** | 3-Pole (standard) or 4-Pole configurations | | **Mounting Type** | DIN Rail or Door Mount (8W denotes specific handle/mounting) | | **Color Scheme** | Red handle on a Yellow plate (Emergency Stop standard) | --- ### 2. Core Electronic Parts & Construction The device is composed of several modular sub-assemblies: #### A. The Switch Body (V-Series) The internal core consists of high-conductivity silver alloy contacts. These are designed to handle high inrush currents without welding. It uses a **snap-action mechanism** to ensure rapid contact separation, minimizing arcing. #### B. The Operating Handle (Operator) The "R" in the suffix usually denotes the **Red handle**. - **Padlockable:** Designed for LOTO (Lock-Out Tag-Out) procedures. - **Ingress Protection:** Usually rated **IP65**, meaning it is dust-tight and protected against water jets. #### C. Terminal Blocks - **Screw Clamp Terminals:** Located at the rear or base. - **Safety Shrouds:** Typically includes finger-proof covers to prevent accidental contact with live terminals (IP20 rating for the terminals). --- ### 3. Application Use Cases The SVB-4W8W-R is commonly used in the following scenarios: 1. **Local Isolation:** Used next to a motor to ensure power is cut locally during maintenance. 2. **Emergency Off:** Due to its red/yellow color scheme, it serves as a manual emergency disconnect. 3. **Control Panels:** Integrated into the front door of industrial enclosures to act as the main power entry switch. --- ### 4. Wiring Diagram Example While specific wiring depends on the poles, a standard 3-phase motor isolation setup follows this logic: ```mermaid graph LR L1[Line 1] --> S1[Switch Pole 1] --> M1[Motor T1] L2[Line 2] --> S2[Switch Pole 2] --> M2[Motor T2] L3[Line 3] --> S3[Switch Pole 3] --> M3[Motor T3] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum horsepower (HP) rating for the SVB-4W8W-R at 480V?
    • ⤷ Does this model support auxiliary contact blocks for remote monitoring?
    • ⤷ What is the difference between the 4W and 8W mounting configurations?