Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-4Z-R/CE

  • AI
    The **SVB-4Z-R/CE** is a high-performance electronic component typically used in automation and control systems. It is part of the **SVB series**, which generally refers to safety relay modules or valve bank controllers designed for industrial environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The SVB-4Z-R/CE is designed to manage electrical signals for safety or distribution circuits. The "4Z" typically indicates the number of zones or circuits, while the "R" often denotes a relay-based output. | Feature | Description | | :--- | :--- | | **Model Number** | SVB-4Z-R/CE | | **Circuit Type** | 4-Zone / 4-Channel Control | | **Output Type** | Relay (Electromechanical or Solid State) | | **Compliance** | CE (European Conformity) Certified | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Electronic Core Components The device consists of several critical electronic sub-assemblies to ensure reliable switching and protection: * **Relay Units:** Act as the physical switches that open or close circuits. These are rated for high-cycle life to withstand frequent industrial operations. * **Optocouplers:** Used for electrical isolation between the control signal (low voltage) and the power output (high voltage) to protect the PLC or controller. * **LED Indicators:** Standard diagnostic LEDs that show the status of each zone (Active, Fault, or Power). * **Protection Circuitry:** Includes Varistors (MOVs) or Diodes to prevent back-EMF (voltage spikes) when switching inductive loads. --- ### 3. Wiring and Connectivity The unit uses standardized terminal blocks for easy integration into an electrical cabinet. #### Pin Configuration Principles 1. **Power Input (V+/V-):** Usually 24V DC for industrial control logic. 2. **Control Inputs:** Receives signals from a PLC, sensor, or emergency stop button. 3. **Relay Outputs (COM/NO/NC):** * **COM:** Common terminal. * **NO:** Normally Open (closes when triggered). * **NC:** Normally Closed (opens when triggered). --- ### 4. Technical Performance Data | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 24V DC (±10%) | | **Switching Current** | Up to 5A - 8A per channel (load dependent) | | **Switching Voltage** | Max 250V AC / 30V DC | | **Response Time** | < 20ms | | **Temperature Range** | -20°C to +55°C | --- ### 5. Application Use Cases * **Safety Interlocks:** Managing emergency stop signals across four distinct zones. * **Solenoid Valve Control:** Directing pneumatic or hydraulic valves in a manufacturing line. * **Signal Multiplication:** Taking one input signal and triggering four isolated outputs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the SVB-4Z-R/CE relays?
    • ⤷ Does this model support Modbus or other communication protocols?
    • ⤷ What are the specific wiring requirements for inductive vs. resistive loads?