Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-5G-R/CE

  • AI
    The **SVB-5G-R/CE** is a specialized electronic component commonly used in industrial automation, specifically within safety-related control systems. It is primarily identified as an **Emergency Stop (E-Stop) or Safety Switch Assembly**, often integrated with safety relay systems to ensure machinery can be halted instantly in the event of an emergency. --- ### 1. Key Technical Specifications The "SVB" series typically refers to "Safety Visual Breaker" or "Safety Valve/Switch Body" configurations. Below is a breakdown of the typical electronic and mechanical specifications for this model: | Feature | Specification | | :--- | :--- | | **Model Type** | Safety Switch / Emergency Disconnect | | **Input Voltage** | Typically 24V DC or 110V-240V AC (Load Dependent) | | **Current Rating** | High-amperage capacity (standardly 16A to 32A) | | **Contact Configuration** | Normally Closed (NC) for safety loops | | **IP Rating** | IP65 or IP67 (Dust and Water resistant) | | **Certification** | CE (European Conformity), RoHS Compliant | --- ### 2. Electronic Component Breakdown The SVB-5G-R/CE consists of several critical electronic and electromechanical parts: #### A. Contact Blocks * **Redundant Contacts:** Usually features dual-channel contacts to ensure that if one contact fails (welds shut), the second contact will still open the circuit. * **Positive Opening Operation:** The contacts are physically forced apart by the movement of the switch, rather than relying solely on springs. #### B. The Actuator (The "R" in the model) * **The "R" suffix** often denotes a **Rotary** or **Red** actuator. * In safety electronics, the red handle on a yellow background is the universal signal for an emergency disconnect device. #### C. Termination Points * **Screw Terminals:** High-torque terminals designed to hold thick-gauge industrial wiring securely. * **Grounding Point:** A dedicated terminal to ensure the metal or shielded parts of the assembly are properly earthed to prevent electric shock. --- ### 3. Application in Circuits In an industrial control panel, the SVB-5G-R/CE acts as the **Primary Interrupter**. It is wired in series with the safety relay or the main contactor coil. 1. **Safety Loop:** It monitors the "Closed" state. 2. **Trigger:** When the switch is turned (or pressed), the physical link is severed. 3. **Feedback:** Many versions include an auxiliary contact (NO) to send a signal to a PLC (Programmable Logic Controller) to indicate exactly which switch was triggered. --- ### 4. Meaning of Suffixes * **5G:** Often refers to the physical size or the generation of the switch housing. * **R:** Red handle/Actuator. * **CE:** Compliance with European safety, health, and environmental protection standards.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for a dual-channel safety loop using the SVB-5G?
    • ⤷ Can the SVB-5G-R/CE be used in explosive atmospheres (ATEX)?
    • ⤷ What is the mechanical lifespan (number of cycles) for this specific safety switch?