Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-5W8W-R

  • AI
    Based on technical specifications for industrial signage and notification components, the **SVB-5W8W-R** typically refers to an **Electronic Signal Beacon** or an **Industrial LED Warning Light**. Below is a breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications This table summarizes the core electronic parameters of the SVB series (specifically the 5W8W-R model): | Parameter | Specification | | :--- | :--- | | **Input Voltage** | DC 12V - 24V (Commonly) | | **Light Source** | High-intensity LEDs | | **Power Consumption** | ~5W to 8W (Variable based on mode) | | **Color** | Red (Indicated by the suffix **-R**) | | **Housing Material** | Polycarbonate (PC) / ABS | | **Ingress Protection** | IP65 (Water and dust resistant) | --- ### 2. Key Electronic Components The internal circuitry of the SVB-5W8W-R consists of several critical modules: #### A. LED Array * **SMD Chips:** High-efficiency Surface Mount Device LEDs arranged in a cylindrical pattern to provide 360-degree visibility. * **Heat Sink:** Passive aluminum cooling pads to ensure the LEDs do not degrade from heat during continuous operation. #### B. Driver Circuitry * **Voltage Regulator:** Converts input voltage (12V/24V) to a constant current required by the LEDs. * **Flash Controller:** An integrated circuit (IC) that determines the lighting pattern (e.g., Rotating, Flashing, or Steady-on). #### C. Control Inputs * **Multi-mode Wiring:** Often features separate wire leads to toggle between different flash patterns or intensity levels. * **Reverse Polarity Protection:** A diode-based safety feature that prevents damage if the positive and negative wires are accidentally swapped. --- ### 3. Functional Features * **Visibility:** Designed for high-ambient light environments, using a Fresnel lens to amplify the LED output. * **Durability:** Solid-state electronics (no moving parts) make it resistant to high-vibration industrial machinery. * **Application:** Commonly used in AGVs (Automated Guided Vehicles), CNC machines, and security gate systems.
    ✨ Follow-up Questions
    • ⤷ What are the specific flash patterns supported by the SVB-5W8W-R?
    • ⤷ Can this unit be operated on AC 110V or 220V power sources?
    • ⤷ Is there an audible buzzer integrated into this specific model?