Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-5Z-R/CE

  • AI
    The **SVB-5Z-R/CE** is an electronic component primarily classified as a **solenoid valve**, specifically designed for pneumatic control systems. It is commonly manufactured by companies like **SMC** or specialized industrial automation firms. Below is a detailed breakdown of its electronic and functional specifications. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | Solenoid Valve (Directional Control) | | **Actuation Type** | 5-Port, 2-Position (Single or Double Solenoid) | | **Voltage Options** | Typically 24V DC or 110V/220V AC (Standard "5Z" often denotes 24V DC) | | **Power Consumption** | Low wattage (approx. 0.35W to 0.5W for DC models) | | **Electrical Entry** | Plug-in connector / M-plug / L-plug with LED indicator | | **Compliance** | CE Certified (indicated by the /CE suffix) | --- ### 2. Electronic Component Breakdown The SVB-5Z-R/CE consists of several critical electronic sub-parts that enable its operation: #### A. The Electromagnetic Coil This is the heart of the valve. When an electrical current passes through the copper windings of the coil, it creates a magnetic field. This field moves a plunger (armature) to open or close the air passages. #### B. LED Indicator & Surge Suppressor The "5Z" designation usually implies a specific electrical entry style that includes: * **LED Status Light:** Provides a visual confirmation that the coil is energized. * **Surge Suppressor (Varistor/Diode):** Protects the controlling PLC (Programmable Logic Controller) from "back EMF" or voltage spikes when the coil is de-energized. #### C. Electrical Interface (Lead Wires/Connectors) The unit typically uses a **Plug-in** or **Grommet** type interface. This allows for quick replacement without rewiring the entire system. --- ### 3. Functional Logic The valve operates on a **5-port** logic system: 1. **Port 1 (P):** Pressure Inlet. 2. **Ports 2 & 4 (A & B):** Output ports to the cylinder/actuator. 3. **Ports 3 & 5 (R1 & R2):** Exhaust ports for releasing air. The **"R"** in the part number often denotes a specific mounting style (such as a sub-plate or a specific return mechanism like a spring return). --- ### 4. Application Environments Due to the **CE Certification**, this part is designed to meet European safety, health, and environmental protection requirements, making it ideal for: * Automated assembly lines. * Packaging machinery. * Robotic pneumatic grippers. * Industrial process control.
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the AC and DC versions of this valve?
    • ⤷ How does the 'surge suppressor' protect a connected PLC?
    • ⤷ Can this valve be mounted on a manifold block?