Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-A0-R/CE

  • AI
    The **SVB-A0-R/CE** is a high-performance, compact **Brushless DC (BLDC) Servo Drive** (often categorized under the *iSV-series* or similar integrated motor families by manufacturers like Leadshine or specialized automation brands). Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 24 - 50 VDC | | **Continuous Current** | ~6.0 A (RMS) | | **Peak Current** | ~18.0 A | | **Control Signal** | Pulse/Direction (PUL/DIR) or Analog | | **Feedback Type** | Incremental Encoder (typically 1000 - 2500 lines) | | **Logic Voltage** | 5V - 24V Compatible | | **Certifications** | CE Marked, RoHS Compliant | --- ### 2. Core Electronic Components #### A. Power Stage (Inverter) The "R" in the model often denotes optimized resistance and regenerative capabilities. * **MOSFET Bridge:** Uses a 3-phase H-bridge configuration to commute the BLDC motor. * **Bus Capacitors:** High-capacity electrolytic capacitors filter the DC input voltage to prevent voltage ripples from affecting motor performance. #### B. Control Logic & Processing * **DSP (Digital Signal Processor):** The brain of the unit. It runs sophisticated PID algorithms for position, velocity, and torque loops. * **Optoisolators:** The input signals (Pulse, Direction, Enable) are optically isolated to protect the internal logic from high-voltage spikes or electromagnetic interference (EMI) from the power lines. #### C. Feedback Interface * **Encoder Differential Interface:** The drive processes A/B phase signals from the motor's encoder to ensure closed-loop precision. This prevents the "loss of steps" common in open-loop stepper systems. --- ### 3. Wiring and Connector Pinout The unit typically features two main interfaces: #### Power & Motor Port | Pin | Function | Description | | :--- | :--- | :--- | | **V+** | Power Input | Positive DC supply | | **GND** | Power Ground | 0V | | **U, V, W** | Motor Phases | Output to the BLDC motor windings | #### Control Signal Port (I/O) | Signal | Description | | :--- | :--- | | **PUL+ / PUL-** | Pulse input for step control | | **DIR+ / DIR-** | Directional control (High/Low) | | **ENA+ / ENA-** | Enable/Disable the drive output | | **ALM+ / ALM-** | Alarm output signal (Fault detection) | --- ### 4. Key Electronic Features * **Regenerative Braking Support:** The "A0" series often includes circuitry to handle back-EMF (Electromotive Force) generated when the motor decelerates quickly. * **Protection Circuits:** * **Over-Voltage:** Shuts down if input exceeds ~60VDC. * **Over-Current:** Instantaneous trip during short circuits. * **Tracking Error:** Triggers if the physical position deviates too far from the commanded position. * **Auto-Tuning:** Most versions support RS232 communication for software-based parameter tuning via a PC. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse frequency supported by the SVB-A0-R/CE?
    • ⤷ How do I configure the DIP switches for microstepping or current limits?
    • ⤷ Can this drive be used with a standard 3-phase AC induction motor?