Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-AC-R/E

  • AI
    The **SVB-AC-R/E** is a specific electronic sub-assembly, typically identified as an **AC Output Interface or Signal Converter Board**, often found in industrial control systems or specialized electronic equipment. Below is a breakdown of its electronic components and functions based on industrial hardware standards. --- ### 1. Key Electronic Components The board consists of several layers of circuitry designed to handle signal isolation and power switching. | Component Category | Specific Part Examples | Function | |:---|:---|:---| | **Switching Elements** | Electromechanical Relays or SSRs | Controls the high-voltage AC output based on low-voltage input logic. | | **Isolation** | Optocouplers (Phototransistor) | Provides galvanic isolation between the control logic and the AC power side. | | **Protection** | MOVs (Metal Oxide Varistors) | Protects the board from voltage spikes and surges on the AC line. | | **Indication** | SMD LEDs | Visual status indicators (Power Green, Relay Active Red/Yellow). | | **Connectivity** | Terminal Blocks or Headers | High-current screw terminals for AC wiring and pin headers for signal input. | --- ### 2. Technical Specifications While exact specs vary by the OEM manufacturer (e.g., related to specialized sensor interfaces), the "AC-R/E" suffix generally denotes specific characteristics: * **Input Voltage:** Usually 12VDC or 24VDC (Logic level). * **Output Type:** Relay Contact (Dry) or AC Solid State. * **Mounting:** Often DIN-rail compatible or PCB standoff mount. * **Response Time:** 5ms to 20ms (depending on whether it is mechanical or solid-state). --- ### 3. Circuit Functional Blocks The electronics are organized into three primary stages: #### A. Logic Input Stage This section receives signals from a PLC (Programmable Logic Controller) or a microcontroller. It includes current-limiting resistors to protect the internal LEDs of the optoisolators. #### B. Isolation Barrier This is the physical gap on the PCB (often marked by a lack of copper) that separates the "Safe" DC side from the "Hazardous" AC side. This prevents high-voltage feedback from destroying the main controller. #### C. Power Output Stage Contains the **Relay (R)** or **Electronic Switch (E)**. * **Snubber Circuits:** Often included (Resistor + Capacitor) to prevent "arcing" when switching inductive loads like motors or solenoids. --- ### 4. Application Context The **SVB-AC-R/E** is primarily used for: 1. **Industrial Automation:** Interfacing 24V PLC outputs to 110V/220V AC motors. 2. **Safety Interlocks:** Breaking AC power loops when a safety sensor is triggered. 3. **Signal Conversion:** Converting a weak electronic pulse into a robust AC power signal. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the SVB-AC-R/E output contacts?
    • ⤷ Does this board support PWM (Pulse Width Modulation) for AC dimming?
    • ⤷ How do I troubleshoot a failure in the optoisolation stage of this board?