Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-AZ-R

  • AI
    The **SVB-AZ-R** is an electronic component, specifically a **Surface Mount (SMD) Passive Device** often associated with the series of Varistors (Metal Oxide Varistors) or TVS (Transient Voltage Suppression) components produced by manufacturers like **Semikron** or specialized power electronics firms. It is primarily used for circuit protection. --- ### 1. Component Overview The "SVB" prefix typically denotes a specific product family of surge suppressors or bridge rectifiers, while the "AZ" often refers to the package type or specific voltage threshold, and "R" generally indicates "Reverse" polarity or "RoHS" compliance. ### 2. Technical Specifications Below is a typical breakdown of the electronic characteristics for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Surge Suppressor / Varistor | | **Mounting Type** | Surface Mount (SMD) | | **Material** | Metal Oxide (ZnO) or Silicon-based | | **Voltage Range** | Varies by sub-model (Commonly 5V to 48V) | | **Current Rating** | High instantaneous pulse current | | **RoHS Status** | Compliant (indicated by 'R') | --- ### 3. Key Electronic Functions The SVB-AZ-R serves several critical roles within a PCBA (Printed Circuit Board Assembly): * **Transient Voltage Suppression:** It protects sensitive integrated circuits (ICs) from spikes caused by electrostatic discharge (ESD) or inductive load switching. * **Voltage Clamping:** When a voltage exceeds the threshold, the device’s resistance drops rapidly, shunting the excess energy to the ground. * **Noise Filtering:** Helps in stabilizing signal lines in high-speed data applications. ### 4. Common Applications * **Automotive Electronics:** Protection for ECU (Engine Control Units) and sensor interfaces. * **Consumer Electronics:** Input protection for USB ports and charging circuits. * **Industrial Controls:** Safeguarding PLC (Programmable Logic Controller) inputs. --- ### 5. Schematic Identification In electronic schematics, this part is usually represented by a Zener-like symbol or a standard Varistor symbol: ```text Pin 1 (Anode/Line) | / \ | V | <-- Varistor/Suppressor Symbol \ / | Pin 2 (Cathode/Ground) ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum peak pulse current ratings for the SVB-AZ-R series?
    • ⤷ How does the SVB-AZ-R compare to a standard TVS diode in circuit protection?
    • ⤷ What is the recommended solder profile for this SMD component?