Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-AZ-R/CE

  • AI
    The **SVB-AZ-R/CE** is a specialized safety component, typically part of a **Safety Door Interlock System** or **Rotary Switch Disconnector** assembly (often associated with brands like Eaton/Moeller or similar industrial safety manufacturers). Below is a breakdown of the electronic and electromechanical components of this part. --- ### 1. Technical Specifications Overview The electronic design focuses on high-reliability switching and adherence to industrial safety standards (CE compliance). | Feature | Description | | :--- | :--- | | **Contact Type** | Auxiliary Contact / Main Disconnector | | **Housing Material** | Thermoplastic, high impact resistance | | **IP Rating** | IP65 (Dust-tight and protected against water jets) | | **Operating Voltage** | Typically rated up to 690V AC | | **Safety Standard** | CE, IEC/EN 60947-3 | --- ### 2. Core Electronic/Mechanical Parts #### A. Contact Block (Auxiliary and Main) * **Purpose:** The electronic "bridge" that opens or closes the circuit. * **Composition:** Silver-nickel (AgNi) or silver-tin-oxide (AgSnO2) contacts are often used to prevent welding under high current loads. * **Action:** It features **Positive Opening Operation**, ensuring that even if the contacts weld together, the physical force of turning the switch will force them apart. #### B. The Actuator Mechanism * **Rotary Drive:** A mechanical interface that converts the physical turn of the handle into a linear motion to separate the internal copper busbars. * **Locking Feature:** Includes a mechanism for "Lockout/Tagout" (LOTO), usually allowing up to 3 padlocks. #### C. Terminal Connections * **Terminals:** Box-style or screw-type terminals designed to handle solid or stranded wire (typically 0.75mm² to 2.5mm² for auxiliary models). * **Insulation:** High dielectric strength barriers between terminals to prevent arcing between phases. --- ### 3. Safety Design Principles The "CE" suffix indicates it meets European Union safety, health, and environmental requirements. 1. **Redundancy:** Often designed to be integrated into a dual-channel safety system (PL e or SIL 3) when paired with a safety relay. 2. **Visible Indication:** The electronic state is mirrored by the physical handle position (0/OFF vs. 1/ON). 3. **Tamper Resistance:** The AZ (Actuator) portion is designed to resist bypass attempts using simple tools. --- ### 4. Typical Application Wiring In a standard industrial control panel, the SVB-AZ-R/CE is wired as follows: ```mermaid graph LR Power_Source --> SVB_Main_Contacts SVB_Main_Contacts --> Motor/Load SVB_Aux_Contact --> Safety_Relay Safety_Relay --> PLC_Emergency_Stop ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the SVB-AZ-R/CE model?
    • ⤷ How do you integrate this part into a SIL 3 safety circuit?
    • ⤷ Is this specific model compatible with Eaton P1 or P3 switch disconnectors?