Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-C8W-R/Q

  • AI
    The **SVB-C8W-R/Q** is a specific part number typically associated with **industrial signage or signaling components**, specifically high-performance **LED Signal Towers** (often manufactured by companies like Menics or similar industrial automation brands). Below is a breakdown of the electronic and mechanical characteristics of this component. --- ## 1. Technical Specifications The part number follows a modular coding system. Here is the general breakdown of its electronic capabilities: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC (Standard) | Common in PLC-controlled environments. | | **Light Source** | LED (High Intensity) | Long-lifespan, low heat generation. | | **Number of Tiers** | Custom (often 1-5) | The "C8" often refers to the 80mm diameter size. | | **Audible Signal** | Integrated Buzzer | "W" usually indicates an optional internal buzzer. | | **Output Type** | PNP / NPN Compatible | Open collector or relay contact driven. | | **Protection Rating** | IP65 / IP54 | Dust-tight and resistant to water splashes. | --- ## 2. Key Electronic Components ### A. LED Array Modules Unlike incandescent bulbs, these units use surface-mount or high-power LEDs. They are wired in parallel or series depending on the voltage regulation circuit within the base. This ensures that if one light tier fails, the others remain functional. ### B. The Buzzer (Sounder) The "W" in the suffix usually denotes a **piezoelectric buzzer**. * **Decibel Level:** Typically 80-90dB at 1 meter. * **Control:** It can be triggered independently of the lights or synchronized with a specific color (usually Red). ### C. Internal Circuitry * **Voltage Regulation:** Most units include an internal diode bridge and capacitors to handle minor voltage fluctuations and prevent damage from reverse polarity. * **Transistor Switching:** The base unit contains a control board that interprets signals from a PLC (Programmable Logic Controller) or manual switch to activate specific color modules. --- ## 3. Wiring and Connectivity These parts usually come with a multi-core cable where each color corresponds to a specific LED tier: | Wire Color | Function | | :--- | :--- | | **Red** | Red Light Layer | | **Green** | Green Light Layer | | **Yellow / Amber** | Yellow Light Layer | | **White** | Buzzer (or White Light) | | **Black / Blue** | Common (GND or +V depending on NPN/PNP) | --- ## 4. Mounting & Environment The **SVB** series is designed for "Base Mounting." The **C8** indicates a large **80mm diameter lens**, providing high visibility over long distances in large factory floors. The **R/Q** suffix usually refers to the specific color combination or the mounting hardware included (e.g., Pole mount vs. Direct mount). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP wiring for this signal tower?
    • ⤷ Can the buzzer volume be adjusted on the SVB-C8W model?
    • ⤷ What are the specific power consumption ratings per LED tier?