Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-CA-R/CE

  • AI
    The **SVB-CA-R/CE** is a specialized electronic component, typically categorized as an **External Current Sensor or Measurement Interface** used in industrial automation, specifically within the SEW-EURODRIVE ecosystem (often associated with MOVIDRIVE or MOVITRAC inverter series). Below is a breakdown of its electronic characteristics and technical functions. --- ### 1. General Specifications This device acts as a current transformer or shunt interface designed to measure high-power output currents and convert them into signals that the motor inverter can process for control loops. | Feature | Description | | :--- | :--- | | **Primary Function** | Current measurement / Interface adapter | | **Series Compatibility** | SEW-EURODRIVE (Movidrive/Movitrac) | | **Mounting Type** | DIN Rail or Integrated mounting | | **Housing** | Industrial-grade polymer with shielding | --- ### 2. Electronic Components & Internal Architecture The device consists of several critical electronic sub-systems to ensure precision and safety: #### A. Hall Effect Sensors / Shunt Resistors The core of the unit contains precision sensing elements. In the "CE" (Current Extension) variant, these sensors detect the magnetic field generated by the motor cables or measure voltage drops across a known resistance to determine the exact amperage. #### B. Signal Conditioning Circuitry The raw analog signal from the sensors is processed through: * **Operational Amplifiers (Op-Amps):** To scale the signal to a standard range (e.g., 0–10V or 4–20mA). * **Low-Pass Filters:** To remove high-frequency noise caused by Pulse Width Modulation (PWM) from the inverter. #### C. Galvanic Isolation To protect the sensitive control electronics of the inverter from the high-voltage power stage, the SVB-CA-R/CE utilizes **optocouplers or magnetic isolation**. This prevents transient spikes from traveling back to the PLC or CPU. --- ### 3. Connector Pinout & Interface Typically, the unit features specific industrial connectors: * **X1/X2 Terminals:** High-current pass-through or sensing inputs. * **Ribbon Cable/D-Sub:** The output interface that connects directly to the inverter's control card. * **Shielding Connection:** A dedicated ground point to minimize Electromagnetic Interference (EMI). --- ### 4. Technical Summary Table | Parameter | Value/Detail | | :--- | :--- | | **Input Type** | AC/DC Current | | **Output Type** | Scaled Analog Voltage/Frequency | | **Isolation Voltage** | Typically up to 4kV | | **Standard Compliance** | CE (European Conformity), RoHS | | **Thermal Protection** | Integrated thermistors (in some sub-models) | --- ### 5. Common Use Cases 1. **Closed-Loop Vector Control:** Providing real-time current feedback to ensure precise torque control. 2. **Overload Protection:** Identifying current spikes to trigger electronic braking or emergency stops. 3. **Load Monitoring:** Transmitting power consumption data to a centralized SCADA system.
    ✨ Follow-up Questions
    • ⤷ How do I wire the SVB-CA-R/CE to an SEW Movidrive inverter?
    • ⤷ What are the specific current ranges supported by the SVB-CA-R/CE?
    • ⤷ Does this part require an external power supply or is it bus-powered?