Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-CDW-R/K

  • AI
    The **SVB-CDW-R/K** is a specific electronic component often associated with industrial automation, specifically within the realm of **safety switches** or **limit switches** produced by manufacturers like *Bernstein AG* or similar industrial controls providers. The part number indicates a modular safety switch assembly designed for machine guarding and position monitoring. --- ## Technical Specifications & Components The electronic and electromechanical architecture of the SVB-CDW-R/K can be broken down into the following key parts: ### 1. Contact Configuration The "R/K" designation often refers to the specific contact blocks housed within the unit. | Component | Description | Function | | :--- | :--- | :--- | | **NC Contacts** | Normally Closed (Force-guided) | Used for safety-critical shutdown circuits. | | **NO Contacts** | Normally Open | Typically used for auxiliary signaling or status feedback. | | **Contact Material** | Silver-Nickel (AgNi) or Gold-plated | Ensures high conductivity and resistance to oxidation. | ### 2. Actuation Mechanism The **CDW** portion of the code usually denotes the actuator style or the head assembly. * **Rotary/Lever Actuator:** Converts mechanical movement into electrical state changes. * **Positive Opening:** The internal mechanics are designed so that the NC contacts are physically forced open by the actuator, ensuring safety even if contacts are lightly welded. ### 3. Housing and Connectivity * **Enclosure Material:** Usually Thermoplastic or Die-cast Aluminum (depending on the specific series suffix). * **Termination:** Screw terminals or M12 connector integration for electrical wiring. * **Protection Class:** Often rated **IP65/IP67**, meaning the internal electronic parts are sealed against dust and water immersion. --- ## Application Context The SVB-CDW-R/K is primarily used in **Safety Integrity Level (SIL)** or **Performance Level (PL)** rated circuits. ### Key Electronic Functions: 1. **Redundancy:** Often wired in dual-channel configurations to ensure that a single wire fault does not lead to a loss of the safety function. 2. **Monitoring:** Integrated into a safety relay or PLC (Programmable Logic Controller) loop. 3. **Isolation:** Provides physical galvanic isolation between the control circuit and the mechanical state of the machine. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific voltage and current rating for the SVB-CDW-R/K contacts?
    • ⤷ Which manufacturer produces the SVB-CDW-R/K series?
    • ⤷ How do I wire this switch into a dual-channel safety relay?