Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-D0-R/K

  • AI
    The **SVB-D0-R/K** is a specific model within a series of safety controllers/monitors, typically associated with **Schmersal** or similar industrial safety automation brands. These devices are designed to monitor safety-related circuits and provide a controlled shutdown in the event of a fault or emergency. --- ### 1. Key Technical Specifications The "SVB" series usually refers to **Safety Evaluation Modules** (Sicherheits-Verbausteine). Below are the typical electronic characteristics for this model: | Parameter | Specification | |:---|:---| | **Operating Voltage** | 24 VDC / 24-230 VAC (Model dependent) | | **Contact Type** | Relay outputs (force-guided) | | **Output Configuration** | Usually 2-3 Safety Contacts + 1 Auxiliary | | **Diagnostic Method** | LED Indicators (Power, Status, Fault) | | **Installation** | DIN Rail Mounting (35mm) | | **Response Time** | Typically < 20 ms | --- ### 2. Electronic Component Breakdown The device contains several critical electronic layers to ensure reliability: * **Logic Processing:** Dual-channel microprocessor or redundant analog circuitry to compare input signals. If the signals from two channels disagree, the device enters a "safe state." * **Safety Relays:** Uses **Force-Guided Contacts**. If one contact welds shut, the mechanical linkage prevents the other contacts from closing, ensuring the system can still detect the failure. * **Input Protection:** Optocouplers are often used to isolate the field inputs (e.g., E-stop buttons) from the internal logic to prevent voltage spikes from damaging the controller. * **Arc Suppression:** Internal snubbers or varistors protect the relay contacts from inductive kickback when switching motors or solenoids. --- ### 3. Wiring and Terminal Layout The "R/K" suffix often denotes specific terminal types (e.g., Screw terminals vs. Cage clamps). | Terminal Group | Function | Description | |:---|:---|:---| | **A1 / A2** | Power Supply | Connection for the device's operating voltage. | | **S11/S12, S21/S22** | Safety Inputs | Dual-channel inputs for E-stops or Interlocks. | | **13-14, 23-24** | Safety Outputs | Normally Open (NO) paths that open during a fault. | | **X1 / X2** | Feedback Loop | External Device Monitoring (EDM) to check contactors. | --- ### 4. Safety Standards Electronic parts in the SVB-D0 series are rated for high-reliability environments: * **SIL 3** (IEC 61508) * **PL e** (ISO 13849-1) * **Category 4** architecture (redundant and self-monitoring). --- ### 5. Troubleshooting Logic The electronic status can be diagnosed via the front panel: 1. **Steady Green:** All inputs closed, safety circuit healthy. 2. **Flashing Red:** Cross-short detected in the input wiring. 3. **No Light:** Blown internal fuse or loss of supply voltage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and K suffix in the terminal configuration?
    • ⤷ How do you wire a dual-channel Emergency Stop to the SVB-D0 series?
    • ⤷ Can this module be used to monitor light curtains or only mechanical switches?