Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-DB-R/K

  • AI
    The **SVB-DB-R/K** is a specific industrial control component, typically associated with safety disconnect switches or emergency stop handles manufactured by companies like **Eaton (Moeller)**. Specifically, this part number refers to a **Rotary Door-Coupling Handle** for use with switch-disconnectors. Below is an explanation of its electronic and electromechanical characteristics. --- ### 1. General Specifications The SVB-DB-R/K is primarily an interface component that connects an internal switch (inside an electrical cabinet) to an external operating handle (on the cabinet door). | Attribute | Specification | | :--- | :--- | | **Component Type** | Rotary Handle / Door Coupling | | **Color Code** | Red/Yellow (Standard for Emergency Stop) | | **Protection Rating** | IP65 / NEMA 12 (Dust-tight, water-resistant) | | **Locking Mechanism** | Padlockable in the "OFF" position (up to 3 padlocks) | | **Interlock Function** | Door interlock in "ON" position | --- ### 2. Key Electronic & Mechanical Features #### A. Door Interlock Mechanism The "DB" designation often refers to the **Door-Interlock** capability. * **Safety Function:** It prevents the cabinet door from being opened while the switch is in the "ON" position. * **Defeat Mechanism:** In some industrial configurations, there is a bypass to allow authorized personnel to open the door while energized for troubleshooting. #### B. Coupling Drive Since the handle is mounted on the door and the actual switch is on the backplate, the part includes a **coupling mandrel** or shaft receiver. * It ensures a precise mechanical connection to the **Switch Disconnector** (e.g., P1 or P3 series). * It compensates for slight misalignments between the door and the internal components. #### C. Electrical Safety Classification While the handle itself does not carry current, it is rated for specific environments: * **Isolation:** Designed to ensure the physical separation of contacts in the "OFF" position is reflected accurately by the handle position (Positive Drive). * **Emergency Stop:** The Red/Yellow color scheme indicates it meets the requirements for an **Emergency-Off** device according to IEC/EN 60204-1. --- ### 3. Compatible Switch Series The SVB-DB-R/K is generally used with the following electrical switch bodies: | Switch Series | Typical Amperage | Application | | :--- | :--- | :--- | | **P1 Series** | 25A - 32A | Compact motor disconnection | | **P3 Series** | 63A - 100A | Main branch circuit protection | | **T0/T3 Series** | Various | Cam switches for control logic | --- ### 4. Technical Summary The part acts as the **Human-Machine Interface (HMI)** for a high-voltage or high-current disconnect. Its primary "electronic" role is to ensure that the state of the circuit (Open or Closed) is mechanically guaranteed and visible to the operator, providing a safe physical barrier between the user and the live busbars.
    ✨ Follow-up Questions
    • ⤷ How do I install the shaft extension for this handle?
    • ⤷ What is the difference between the R/K (Red/Yellow) and the Black/Grey versions?
    • ⤷ Does this handle support a 'Defeat' function for maintenance?