Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-E8W-R/E

  • AI
    The **SVB-E8W-R/E** is a high-performance, compact **Emergency Stop (E-Stop) switch unit** typically manufactured by IDEC or integrated into safety control systems. It is designed to ensure fail-safe operation in industrial automation environments. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The device is characterized by its electrical durability and contact configuration. | Feature | Specification | |:---|:---| | **Contact Configuration** | Usually 2NC (Normally Closed) / 1NO (Normally Open) | | **Rated Insulation Voltage** | 250V AC/DC | | **Thermal Current (Ith)** | 5A to 10A (depending on specific sub-series) | | **Reset Method** | Push-lock, Turn-reset (R/E denotes the reset style) | | **Illumination** | Optional LED (Internal resistor included) | | **Connection Type** | Screw terminals or PC board pins | --- ### 2. Electronic Parts & Internal Components The SVB-E8W-R/E consists of several critical electronic and mechanical sub-parts: #### A. The Contact Block This is the "brain" of the switch. * **Gold-plated Contacts:** Often used to handle low-level signals (dry circuits) without oxidation, ensuring high reliability in safety PLC inputs. * **Direct Opening Action:** A safety mechanism where the contacts are forced open by the manual movement of the button, even if the contacts are lightly welded. #### B. Illumination Circuit (if equipped) The "W" in the model code often refers to a window or illuminated version. * **Integrated LED:** Operates usually at 24V AC/DC. * **Current-limiting Resistor:** Prevents the LED from burning out due to voltage spikes. * **Bridge Rectifier:** Allows the illumination to work regardless of DC polarity or AC input. #### C. Mechanical Interlock Mechanism * **Latched Operation:** Once pressed, the electronic state remains "Open" (NC contacts) until manually reset. * **Separation Prevention:** Designed so that if the contact block detaches from the operator, the NC contacts will automatically open (Safety-circuit trigger). --- ### 3. Wiring Diagram Concept In a standard safety integration, the electronic parts are wired as follows: ```mermaid graph LR A[Power Supply 24V] --> B[NC Contact 1 - Pin 11/12] B --> C[Safety Relay Channel 1] A --> D[NC Contact 2 - Pin 21/22] D --> E[Safety Relay Channel 2] F[LED + Pin] --> G[Status Output/PLC] ``` ### 4. Application Environment * **IP Rating:** Typically IP65/IP67 (Waterproof and Dustproof). * **Material:** Polyamide/Polycarbonate housing for high dielectric strength and chemical resistance. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and E suffixes in this model series?
    • ⤷ How do you wire the LED illumination for 24V DC systems?
    • ⤷ Does this model support 'Safe Break Action' if the contact block falls off?