Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-F0-R/Q

  • AI
    The **SVB-F0-R/Q** is a specific variant of a safety switch handle belonging to the **SVP/SVB series** manufactured by **Sodron** (often associated with industrial safety interlock systems). These components are primarily used in industrial automation to manage machine guarding and emergency stop functions. --- ### 1. Key Technical Specifications The "R/Q" suffix usually denotes specific wiring or connector configurations (such as M12 quick-disconnect or specific pin assignments). | Feature | Specification | | :--- | :--- | | **Series** | SVB (Safety Door Handle / Interlock) | | **Contact Type** | Force-guided NC/NO contacts | | **Housing Material** | Aluminum alloy or heavy-duty plastic (model dependent) | | **Rated Voltage** | 24V DC (Standard for safety logic) | | **Mechanical Life** | > 1,000,000 cycles | | **Protection Class** | IP65 / IP67 (Dust and water-resistant) | --- ### 2. Internal Electronic Components While these are largely electromechanical, the electronic architecture includes: * **Safety Contact Blocks:** These are the core switching elements. They use "positive break" technology, ensuring that the circuit is physically forced open even if a contact welds. * **RFID or Magnetic Sensor (Optional):** Many SVB models include non-contact sensors to detect the presence of the actuator, preventing bypass by simple magnets. * **LED Indicators:** Integrated status lights (usually Red/Green) driven by low-current internal circuitry to show whether the guard is locked, open, or faulted. * **Solenoid Coil:** An electromagnetic coil that controls the locking bolt. When energized (or de-energized, depending on the fail-safe mode), it allows or prevents the handle from turning. --- ### 3. Wiring and Pinout (Q-Type Connector) The "Q" in the part number typically signifies a **Quick-Disconnect** connector (M12). | Pin No. | Typical Function | Description | | :--- | :--- | :--- | | 1 | +24V DC | Power supply for LED/Solenoid | | 2 | Safety Output 1 | Channel A (NC) | | 3 | 0V / GND | Common Ground | | 4 | Safety Output 2 | Channel B (NC) | | 5 | Auxiliary Output | Status signaling for PLC | --- ### 4. Application Logic The electronic parts are designed to interface with a **Safety Relay** or a **Safety PLC**. 1. **Dual Channel Monitoring:** The device sends two signals to the controller. If the signals do not match (discrepancy), the system triggers a safety fault. 2. **Lock Monitoring:** The "F0" designation often implies the specific mechanical interlocking method where the handle is locked until a signal from the machine controller releases the solenoid. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the F0 and F1 locking mechanisms in this series?
    • ⤷ How do I wire the SVB-F0-R/Q to a safety relay?
    • ⤷ What are the mounting requirements for the actuator handle?