Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-F8W-R

  • AI
    The **SVB-F8W-R** is a specific electronic component typically associated with high-performance cooling systems, specifically **Vardar** series fans used in liquid cooling setups (often found in EKWB products). Below is a detailed breakdown of its electronic specifications and technical features. --- ### 1. Technical Specifications This component is an industrial-grade high-static pressure fan. The "8W" in the model name generally refers to the maximum power draw. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V DC | | **Power Consumption** | ~8.4W (Max) | | **Current Draw** | 0.7A | | **Connector** | 4-Pin PWM (Pulse Width Modulation) | | **Bearing Type** | Dual-Ball Bearing or Extended Life Sleeve | | **Max Speed** | ~3000 RPM (Variable via PWM) | --- ### 2. Key Electronic Components #### A. PWM Controller IC The heart of the SVB-F8W-R is its **Pulse Width Modulation (PWM) circuit**. Unlike 3-pin fans that vary speed by changing voltage, this part uses a constant 12V supply. * **Speed Control:** The internal IC interprets the 25kHz PWM signal from the motherboard to cycle the motor on and off rapidly. * **Efficiency:** This reduces energy loss as heat compared to voltage regulation. #### B. Brushless DC (BLDC) Motor The fan utilizes a **3-phase brushless motor** design. * **Stator/Rotor:** It uses permanent magnets on the rotor and electromagnetic coils on the stator. * **Electronic Commutation:** Because it is brushless, it uses integrated Hall-effect sensors to determine the rotor position and switch the electromagnetic field, reducing mechanical wear. #### C. Protection Circuitry The internal PCB (Printed Circuit Board) typically includes: * **Auto-Restart Protection:** If the blades are blocked, the IC cuts power to the coils to prevent overheating, then attempts to restart periodically. * **Reverse Polarity Protection:** Prevents damage if the header is plugged in incorrectly (though the 4-pin shroud usually prevents this physically). --- ### 3. Pinout Configuration The SVB-F8W-R follows the standard Molex/PC fan pinout: 1. **GND (Black):** Ground. 2. **12V (Yellow/Red):** Main power supply. 3. **Tachometer (Green/Blue):** Sends a frequency signal back to the PC to report RPM. 4. **PWM (Blue/White):** Receives the control signal from the system. --- ### 4. Application Context Due to its high power draw (**0.7A / 8.4W**), this part is significantly more powerful than standard case fans (which usually draw 0.1A to 0.2A). * **Warning:** It is recommended to use a dedicated fan controller or a high-amp "Water Pump" header on a motherboard to avoid burning out standard 1-Amp headers if multiple fans are daisy-chained.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 8W model and a standard 2W case fan?
    • ⤷ Can I use a 3-pin fan controller with the SVB-F8W-R?
    • ⤷ How do I calculate if my motherboard header can support three of these fans?