Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-F9-R/CE

  • AI
    The **SVB-F9-R/CE** is a high-precision GNSS (Global Navigation Satellite System) module designed for professional applications requiring centimeter-level accuracy. It is built around the **u-blox ZED-F9R** platform, which integrates multi-band GNSS with high-end inertial sensors. --- ### 1. Core Electronic Specifications The module's capabilities are defined by its integration of satellite positioning and dead reckoning sensors. | Feature | Specification | | :--- | :--- | | **GNSS Engine** | u-blox ZED-F9R (Professional Grade) | | **Constellations** | GPS, GLONASS, Galileo, BeiDou (Concurrent reception) | | **GNSS Bands** | L1C/A, L2C, L1OF, L2OF, E1B/C, E5b, B1I, B2I | | **Position Accuracy** | RTK: 0.01 m + 1 ppm CEP | | **Sensor Integration** | Integrated 6-axis IMU (3D Accelerometer + 3D Gyroscope) | | **Update Rate** | Up to 30 Hz | | **Cold Start** | < 24 seconds | --- ### 2. Key Technology Components #### A. Multi-Band RTK (Real-Time Kinematic) Unlike standard GPS modules, this part utilizes multiple frequency bands (L1/L2/E5). This allows it to remove ionospheric errors significantly faster, achieving a "Fix" state (centimeter accuracy) within seconds even in challenging environments. #### B. Sensor Fusion (Dead Reckoning) The "R" in the part number signifies **Automotive Dead Reckoning (ADR)**. * **The IMU:** It tracks the vehicle's pitch, roll, and yaw. * **Sensor Fusion:** By combining GNSS data with IMU data (and optionally wheel speed via CAN bus or pins), the module provides continuous positioning even when satellites are blocked (e.g., in tunnels, parking garages, or "urban canyons"). #### C. Connectivity Interfaces The module typically provides several hardware interfaces for integration: * **UART:** For standard NMEA or UBX protocol communication. * **USB:** For high-speed data transfer and configuration. * **I2C (DDC):** For connection to external sensors or microcontrollers. * **Timepulse:** PPS (Pulse Per Second) signal for sub-microsecond time synchronization. --- ### 3. Application Use Cases Due to its high precision and reliability under signal loss, this component is used in: 1. **Autonomous Vehicles:** Lane-level navigation and positioning. 2. **Robotic Mowers/AGVs:** Precise perimeter management in outdoor spaces. 3. **Drones (UAVs):** High-stability hovering and automated mapping. 4. **Telematics:** Highly accurate trip logging for commercial fleets. --- ### 4. Technical Pinout Categories * **Power:** Typically 3.3V VCC. * **Antenna:** Requires an active multi-band GNSS antenna for optimal performance. * **Digital I/O:** Configurable pins for "Forward/Reverse" gear signals and wheel tick input for dead reckoning accuracy.
    ✨ Follow-up Questions
    • ⤷What is the difference between ZED-F9R and ZED-F9P?
    • ⤷ How do I provide RTK corrections to the SVB-F9-R?
    • ⤷ What are the power consumption requirements for this module?