Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-FWB-R/K

  • AI
    The **SVB-FWB-R/K** is a specific series of industrial limit switches, typically manufactured by brands like **Schmersal** or **Steute**, used for position monitoring and safety interlocking. The nomenclature "R/K" usually refers to specific actuator types (Roller or Plunger). Below is a breakdown of the electronic and electromechanical components of this part series. ### 1. Electrical Specifications The electrical characteristics define the load-bearing capacity and switching behavior of the internal contacts. | Parameter | Standard Value | | :--- | :--- | | **Contact Type** | Snap action or Slow action (1 NO / 1 NC) | | **Switching Voltage** | Max 250 VAC / 24 VDC | | **Thermal Current ($I_{the}$)** | 6A to 10A | | **Utilization Category** | AC-15, DC-13 | | **Termination** | Screw terminals or M12 connector (depending on sub-model) | --- ### 2. Internal Electronic Components While these are primarily **electromechanical** devices, their internal design involves several critical electronic paths: * **Galvanically Isolated Contacts:** The internal bridge is designed to ensure no electrical leakage between the Normally Open (NO) and Normally Closed (NC) circuits, allowing for separate signaling and power control. * **Bifurcated Contacts:** Often gold-plated or silver-nickel, these ensure low contact resistance even at very low voltages (5V/1mA), which is essential for PLC (Programmable Logic Controller) inputs. * **Arc Suppression:** High-quality variants include internal geometries that minimize arcing when the circuit is broken, extending the electronic life of the switch. --- ### 3. Actuator and Mechanical Interface (R/K) The suffix **R/K** dictates how the mechanical movement is converted into an electrical signal: 1. **"R" (Roller):** Utilizes a roller lever or roller plunger. This is electronically ideal for cam-operated systems where the approach is lateral. 2. **"K" (Offset Roller/Plunger):** Usually refers to a short roller lever or a specific mounting bracket configuration designed for tight spaces. --- ### 4. Safety & Environmental Features Electronic reliability is maintained through the housing and sealing components: * **IP Rating:** Typically **IP67**, meaning the electrical contacts are protected against dust and temporary immersion in water. * **Positive Break:** The NC contact is designed to be physically forced open by the actuator, ensuring the circuit breaks even if the contacts attempt to weld together. * **Housing Material:** Usually glass-fiber reinforced thermoplastic or die-cast zinc, which provides EMI (Electromagnetic Interference) shielding for the internal wiring in the case of metal variants. --- ### 5. Wiring Diagram Logic Most SVB-FWB models follow a standard 4-terminal layout: ```text (11) NC ----\ /---- (12) [Safety Circuit] \/ (23) NO ----/ \---- (24) [Signal/PLC] ``` * **11-12:** Breaks the circuit when the actuator is pressed (Safety Stop). * **23-24:** Closes the circuit when the actuator is pressed (Feedback/Status). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating for the SVB-FWB-R/K series in high-temperature environments?
    • ⤷ Can this switch be used in SIL 3 safety applications?
    • ⤷ What are the mounting hole dimensions for the SVB-FWB housing?