Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-FWZ-R

  • AI
    The **SVB-FWZ-R** refers to a specific type of safety control component, typically associated with safety relay modules or expansion units used in industrial automation (commonly within the Schneider Electric / Telemecanique Preventa line or similar safety systems). Below is a breakdown of its electronic characteristics and technical functions. --- ### 1. General Specifications The SVB-FWZ-R is primarily designed for **Zero-Speed Monitoring** or **Standstill Monitoring**. It ensures that a machine has come to a complete stop before allowing a safety guard or door to be opened. | Feature | Specification | | :--- | :--- | | **Function** | Standstill / Zero-speed monitoring | | **Input Type** | Pulse inputs (usually from proximity sensors or motor windings) | | **Output Type** | Relay contacts (Safety-rated) | | **Mounting** | 35mm DIN Rail | | **Safety Category** | Often up to SIL 3 / PLe (depending on wiring) | --- ### 2. Key Electronic Components & Inputs The electronic architecture of the SVB-FWZ-R focuses on signal processing and redundant verification: * **Pulse Inputs (Z1, Z2, Z3):** These terminals receive high-frequency pulses from sensors. The internal circuitry measures the frequency of these pulses. * **Internal Comparators:** The unit uses electronic comparators to match the incoming frequency against a pre-set threshold (the "Zero-speed" threshold). * **Redundant Microprocessors:** Most modern versions use two internal processors that cross-check each other to prevent a "fail-to-unsafe" condition. * **Potentiometers:** Usually located on the front face, these allow for the manual adjustment of the switching threshold (voltage or frequency) and the delay time. --- ### 3. Operational Logic The device operates on the principle of **Back-EMF** or **Sensor Frequency**: 1. **Monitoring Phase:** When the motor is running, the sensors send pulses to the SVB-FWZ-R. The internal relay remains **De-energized** (Safety circuit open). 2. **Deceleration:** As the motor slows down, the frequency of pulses drops. 3. **Threshold Detection:** Once the frequency falls below the electronic threshold set on the dial, the logic circuit confirms "Standstill." 4. **Activation:** The internal safety relays close (Energize), providing power to a solenoid lock or a master safety relay, allowing the operator to access the machine. --- ### 4. Connection Interface | Terminal Label | Description | | :--- | :--- | | **A1 / A2** | Power Supply (Typically 24V DC or 115/230V AC) | | **Z1 / Z2 / Z3** | Sensor / Motor Feedback inputs | | **13-14 / 23-24** | NO (Normally Open) Safety outputs | | **Y1 / Y2** | Feedback loop / Reset circuit | --- ### 5. Safety Considerations * **Fault Detection:** The electronic design includes "Short-circuit monitoring" across the inputs. If a wire breaks or shorts, the device defaults to a "not safe" state. * **Response Time:** The electronics are tuned for high-speed reaction, typically tripping within milliseconds of detecting a pulse above the threshold.
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring diagram for connecting proximity sensors to this unit?
    • ⤷ How do you adjust the sensitivity threshold on the SVB-FWZ-R?
    • ⤷ What are the common failure codes or symptoms for this safety relay?