Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-FWZ-R/E

  • AI
    The **SVB-FWZ-R/E** is a specific electronic safety component, typically part of a safety interlock system or a frequency monitoring unit used in industrial automation. Based on its nomenclature and technical application, it functions as a **Safety Frequency Monitor (Standstill Monitor)**. --- ### 1. Key Electronic Functions The device is designed to monitor the frequency of voltages generated by motor windings or external sensors to ensure a machine has reached a complete stop before allowing a safety gate to open. | Component / Feature | Description | | :--- | :--- | | **Input Channels** | Dual-channel monitoring for redundant safety (up to SIL 3 / PLe). | | **Threshold Range** | Adjustable frequency settings (usually 0.5 Hz to 10 Hz) to define "standstill." | | **Voltage Range** | Typically supports wide range inputs (e.g., 24V DC or 115/230V AC depending on model). | | **Output Contacts** | Safety-rated relay contacts (NO/NC) for integration into the Emergency Stop circuit. | --- ### 2. Core Operating Principles The electronic internal circuitry performs several critical tasks: 1. **Back-EMF Measurement:** It measures the Residual Voltage (Back-EMF) produced by a coasting motor. If the frequency of this voltage drops below the set threshold, the unit confirms a "standstill" state. 2. **Redundancy (Self-Monitoring):** The internal electronics utilize two microprocessors that cross-check each other. If one fails, the device defaults to a safe state (contacts open). 3. **Hysteresis Management:** Prevents the relay from "chattering" or toggling rapidly if the motor is vibrating or near the threshold frequency. --- ### 3. Technical Specifications Table | Parameter | Specification (Typical) | | :--- | :--- | | **Safety Rating** | Category 4, PL e (ISO 13849-1), SIL CL 3 (IEC 62061) | | **LED Indicators** | Power (Green), Fault (Red), Output State (Yellow) | | **Response Time** | < 100ms | | **Mounting** | DIN Rail (35mm) | | **Connection Type** | Screw terminals or pluggable terminals | --- ### 4. Typical Wiring Diagram Layout In a standard electronic setup, the wiring follows this logic: * **L1/L2/L3:** Monitored motor phases connected to the input terminals. * **A1/A2:** Power supply for the logic unit. * **13/14 & 23/24:** Safety outputs connected to the Guard Locking Interlock. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the frequency threshold on this specific model?
    • ⤷ What are the common failure codes indicated by the onboard LEDs?
    • ⤷ Can this unit be used with a Variable Frequency Drive (VFD)?