Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-G0-R/Q

  • AI
    Based on the part number provided, this refers to a specific type of **Rotary Actuator/Solenoid Valve Accessory**, typically used in pneumatic and fluid control systems (often associated with brands like SMC or specialized valve manufacturers). The **SVB** series generally refers to **Solenoid Valve Blocks** or specialized bypass/actuator units. Below is an explanation of the electronic and physical components associated with this part. ### 1. Component Breakdown The part number structure breaks down into several functional categories: | Segment | Component Type | Description | | :--- | :--- | :--- | | **SVB** | Series Prefix | Solenoid Valve Block / Air-operated valve series. | | **G0** | Port/Body Size | Indicates the physical dimensions and flow capacity of the valve body. | | **R** | Operation Type | Often designates a "Right-hand" configuration or a specific Reset mechanism. | | **Q** | Special Option | Usually indicates a specific electrical connector type (e.g., M12) or Low Power consumption. | --- ### 2. Key Electronic Specifications While these are primarily mechanical valves, the "Electronic" parts consist of the **Solenoid Coil** and the **Control Interface**. #### A. Solenoid Actuator * **Voltage:** Typically available in 24V DC or 110V/220V AC. * **Power Consumption:** Modern versions (especially with the 'Q' suffix) often feature low-wattage coils (approx. 0.5W to 1.0W) to reduce heat and allow direct control from a PLC (Programmable Logic Controller). #### B. Connection Interface The "Q" suffix often refers to the electrical termination: * **Plug-in Connector:** Simplifies wiring by using a pre-wired socket. * **LED Indicator:** Most electronic blocks include a small LED to show the excitation state of the coil. * **Surge Suppressor:** Includes a varistor or diode to protect the control electronics (PLC) from back-EMF voltage spikes when the coil is de-energized. --- ### 3. Technical Parameters Table | Feature | Standard Specification | | :--- | :--- | | **Fluid Type** | Air, Inert Gas, or Vacuum | | **Operating Pressure** | 0.1 to 1.0 MPa (typical) | | **Electrical Entry** | Grommet, DIN Terminal, or M12 Connector | | **Coil Insulation** | Class B (or equivalent) | | **Duty Cycle** | 100% Continuous Duty | --- ### 4. Common Applications * **Automated Tool Changers:** Used to control pneumatic clamping. * **Vacuum Systems:** Operating as a pilot valve for larger vacuum ejectors. * **Robotic End-Effectors:** Its compact size and low electronic power requirement make it ideal for arm-mounted applications.
    ✨ Follow-up Questions
    • ⤷ What is the specific voltage requirement for your SVB-G0-R/Q unit?
    • ⤷ Do you need the pinout diagram for the 'Q' type electrical connector?
    • ⤷ Are you troubleshooting a specific failure in the solenoid coil?