Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-GW8W-R

  • AI
    The **SVB-GW8W-R** is a specific electronic component typically identified as a **Rotary Disconnect Switch** (often associated with brands like ABB or similar industrial control manufacturers). It is designed to safely isolate electrical circuits. --- ### 1. General Specifications This part is an industrial-grade switch assembly, usually consisting of the switch body, a shaft, and a high-visibility handle. | Feature | Description | | :--- | :--- | | **Type** | Rotary Disconnect Switch / Load Break Switch | | **Amperage Rating** | Typically 80A (indicated by the '8' in many naming conventions) | | **Pole Configuration** | 3-Pole (Standard for 3-phase systems) | | **Operation** | Manual rotary handle (Red/Yellow for Emergency Stop) | | **Mounting** | DIN-rail or Base mounting | --- ### 2. Key Electronic & Mechanical Components #### A. The Switch Body (Internal Contacts) The core of the unit contains silver-plated copper contacts designed to handle high current loads. It utilizes a **"Quick-make / Quick-break"** mechanism to snap the contacts open or closed rapidly, which minimizes electrical arcing and extends the life of the component. #### B. The Actuator Shaft This is a square-profile metal or rigid plastic rod that transfers the mechanical torque from the external handle to the internal switching mechanism. #### C. The Handle (The "R" Suffix) In the part number **SVB-GW8W-R**, the **"R"** usually signifies a **Red/Yellow** color scheme. * **Red Handle / Yellow Base:** Globally recognized for "Emergency Stop" functionality. * **Locking Mechanism:** Usually features a "Padlock-off" function, allowing technicians to lock the switch in the OFF position for safety (LOTO - Lock Out Tag Out). --- ### 3. Technical Applications The SVB-GW8W-R is commonly found in the following environments: 1. **Industrial Control Panels:** Used as the main power disconnect. 2. **Motor Circuits:** Acts as a localized motor branch circuit disconnect. 3. **HVAC Systems:** Provides a safe way to cut power to large fans or compressors during maintenance. --- ### 4. Safety Standards These parts are engineered to meet strict international standards to ensure they do not fail under electrical stress: * **IEC 60947-3:** Standard for low-voltage switchgear and control gear. * **UL 508:** Standard for Industrial Control Equipment (if marketed in North America). * **IP65 Rating:** When mounted correctly with the handle, the front face is protected against dust and water jets.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the SVB-GW8W-R?
    • ⤷ Can this switch be used for DC applications or is it AC only?
    • ⤷ How do I install the auxiliary contacts on this specific switch model?