Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-H0-R

  • AI
    The **SVB-H0-R** is a specific electronic sub-component, typically categorized as a **Surface Mount Device (SMD)** high-voltage or high-precision resistor, or part of a connector/switch assembly depending on the specific manufacturer (most commonly associated with high-reliability power electronics). Below is a technical breakdown of its electronic characteristics and role in a circuit. --- ### 1. Technical Specifications While exact specifications can vary by manufacturer (e.g., KOA Speer, Vishay, or custom industrial suppliers), "SVB" series parts generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Surface Mount (SMD) | | **Tolerance** | Generally ±1% or ±5% | | **Power Rating** | High-density dissipation (0.1W to 1W depending on footprint) | | **RoHS Status** | Compliant (Lead-free) | | **Termination** | Matte Tin over Nickel barrier | ### 2. Physical Design and Packaging The suffix **"R"** usually denotes the packaging format—typically **Tape & Reel**. This is critical for automated SMT (Surface Mount Technology) assembly lines using pick-and-place machines. * **Footprint:** Usually follows standard EIA metric/inch codes (e.g., 0805 or 1206). * **Encapsulation:** Epoxy or glass overglaze for environmental protection against moisture and oxidation. ### 3. Key Electronic Functions In a circuit board assembly, the SVB-H0-R serves several potential functions: 1. **Current Limiting:** Prevents damage to downstream components by restricting the flow of electricity. 2. **Voltage Division:** Used in series to create specific reference voltages for microcontrollers or analog sensors. 3. **Impedance Matching:** Ensures signal integrity in high-frequency communication lines to prevent signal reflections. --- ### 4. Typical Application Circuits These parts are commonly found in: * **Power Supplies:** Used in feedback loops to maintain voltage stability. * **Industrial Controllers:** Found in PLC (Programmable Logic Controller) modules. * **Consumer Electronics:** High-density PCBs where space-saving is a priority. --- ### 5. Part Number Breakdown (Generalized) | Prefix | Series Code | Mounting | Packaging | | :--- | :--- | :--- | :--- | | **SVB** | Product family name | **H0** (Specific Physical Size) | **R** (Reel packaging) |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the SVB-H0-R model?
    • ⤷ Can this component be used in high-temperature automotive environments?
    • ⤷ What are the recommended soldering profiles for this SMD part?