Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-HZ-R/Q

  • AI
    Based on the model number **SVB-HZ-R/Q**, this part is an electronic **Solid State Relay (SSR)**, typically associated with high-precision industrial automation and switching systems. These components are designed to provide non-contact switching, which eliminates mechanical wear and electrical noise. --- ### Technical Specifications and Electronic Composition The electronic architecture of this part usually consists of three main stages: the **Input (Control) Circuit**, the **Isolation Barrier**, and the **Output (Load) Circuit**. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Optoisolator Switch | | **Control Voltage** | Usually 3-32V DC (Standard for "Q" or "R" logic) | | **Load Type** | AC or DC (depending on the internal SCR/TRIAC) | | **Isolation** | Photoelectric (Optical) Isolation | | **Switching Method** | Zero-cross (for R/Q series to reduce EMI) | --- ### Key Electronic Sub-assemblies #### 1. Input Side (Low Power) * **LED Indicator:** A built-in diagnostic light that illuminates when the control voltage is applied. * **Current Limiting Resistor:** Protects the internal optocoupler from overcurrent when connected to a logic controller (like a PLC). #### 2. Optical Isolation * This uses an **Infrared LED** and a **Photosensitive Triac/Transistor**. * **Purpose:** It ensures there is no physical electrical connection between the high-voltage load and the sensitive control electronics, preventing back-EMF or surges from destroying the controller. #### 3. Output Side (High Power) * **Thyristor / TRIAC:** The primary switching element. Unlike a mechanical relay, it uses semiconductors to allow or block current flow. * **Snubber Circuit:** Often includes an internal RC (Resistor-Capacitor) network to protect the device against rapid voltage spikes ($dV/dt$) from inductive loads like motors or solenoids. --- ### Model Suffix Meaning (R/Q) In this specific series: * **R:** Often denotes a **Regulating** or **Resistive** load optimization, or "Random-on" switching for specific phase control. * **Q:** Usually indicates a **Quick-connect** terminal style or a specific high-speed switching frequency rating. ### Comparison: Mechanical vs. SVB Electronic Relay | Feature | Mechanical Relay | SVB-HZ-R/Q (Electronic) | | :--- | :--- | :--- | | **Switching Speed** | Slow (ms) | Very Fast ($\mu$s) | | **Life Expectancy** | Limited (Mechanical wear) | Nearly Infinite (No moving parts) | | **Acoustic Noise** | Audible Click | Silent | | **EMI/RFI** | High (Arcing) | Very Low (Zero-cross switching) | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum load current rating for the SVB-HZ-R/Q?
    • ⤷ Does this model require an external heat sink for operation?
    • ⤷ Can this relay be used with PWM control signals?