Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-JZ-R/E

  • AI
    The **SVB-JZ-R/E** is a specific electronic component typically identified as a **solenoid valve coil** or a specialized **control relay/sensor module** used in industrial automation, often associated with pneumatic or hydraulic systems (frequently linked to brands like *SMC* or specialized Chinese industrial manufacturers). Below is a breakdown of the electronic parts and technical characteristics of this series. ### 1. Technical Specifications The "JZ" series usually denotes a specific physical form factor, while the "R/E" suffix often refers to the electrical termination and voltage suppression features. | Feature | Specification | Description | | :--- | :--- | :--- | | **Voltage Options** | 24V DC / 110V AC / 220V AC | The primary operating voltage for the coil. | | **Power Consumption** | 2.0W - 5.0W | Varies based on whether it is AC or DC. | | **Connection Type** | Lead Wire or DIN Connector | The "E" often denotes an encapsulated lead wire. | | **Insulation Class** | Class B or F | Resistance to heat generated during continuous operation. | | **Protection Rating** | IP65 | Dust-tight and protected against water jets. | --- ### 2. Core Electronic Components The device consists of several critical internal parts that allow it to function within an automated circuit: * **Electromagnetic Solenoid (The Coil):** The heart of the unit. It consists of high-purity copper windings. When energized, it creates a magnetic field to move a plunger. * **Varistor / Surge Suppressor:** The **"R"** in the part number often indicates a built-in **Resistor-Capacitor (RC) circuit** or a **Varistor**. This protects the PLC (Programmable Logic Controller) or mechanical switches from the "flyback voltage" (inductive spikes) generated when the coil is de-energized. * **LED Indicator:** Many units in this series include a small surface-mount LED and a current-limiting resistor to provide visual confirmation of power status. * **Bridge Rectifier (AC Models only):** For AC versions, a small internal bridge rectifier may be present to convert AC to DC for smoother plunger operation and reduced "humming." --- ### 3. Application & Usage The SVB-JZ-R/E is primarily used as an actuator interface. 1. **Input:** Receives a signal from a PLC or a manual switch. 2. **Conversion:** Converts electrical energy into mechanical linear motion. 3. **Output:** Shifts the internal spool of a valve to direct airflow or fluid. ### 4. Circuit Diagram Representation In a standard schematic, the component is represented as an inductive load with a parallel suppression element: ```mermaid graph LR A[Positive/Live] --- B[Coil L1] B --- C[LED + Resistor] B --- D[Surge Suppressor] D --- E[Negative/Neutral] C --- E ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the JZ-R/E DIN connector?
    • ⤷ Can the 24V DC version be used with a PWM signal for proportional control?
    • ⤷ How does the 'R' suppression circuit differ from a standard flyback diode?