Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-KA-R

  • AI
    The **SVB-KA-R** is a specific electrical/electronic assembly component, typically associated with **Schmalz** (a leader in vacuum automation). It is most commonly identified as a **distributor or connection terminal** for solenoid valves and vacuum switches in vacuum handling systems. --- ## 1. Component Overview The SVB-KA-R acts as a central wiring hub. It simplifies the electrical interface between a controller (PLC) and the various sensors and actuators on a vacuum gripper. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Schmalz (typically) | | **Type** | Distributor Terminal / Connection Board | | **Common Application** | Vacuum lifting systems (e.g., VacuMaster) | | **Connectivity** | M12 or M8 circular connectors | | **Housing Material** | Robust Plastic or Aluminum | --- ## 2. Key Electronic Functions The SVB-KA-R performs several critical electronic tasks within an automation circuit: ### A. Signal Distribution It serves as a "Bus" for input and output signals. Instead of running 10 separate wires to a PLC, the SVB-KA-R collects signals from: * **Vacuum Switches:** Monitoring if the part is securely held. * **Solenoid Valves:** Controlling the "Suction" and "Blow-off" functions. ### B. Power Supply Management It distributes the standard **24V DC** power required to operate pneumatic valves and electronic sensors. It often includes internal traces designed to handle the inductive loads of valve coils. ### C. Visual Diagnostics (LEDs) Most versions include integrated LEDs that provide real-time feedback: * **Green:** Power Supply Active. * **Yellow/Red:** Signal status for Suction or Warning levels. --- ## 3. Connection Pinout (General Layout) While specific models vary, these units generally follow standard industrial M12 A-coded wiring: | Pin | Function | Color (Standard) | | :--- | :--- | :--- | | 1 | +24V DC | Brown | | 2 | Signal (Vacuum OK) | White | | 3 | 0V (GND) | Blue | | 4 | Signal (Suction On/Off) | Black | --- ## 4. Technical Advantages 1. **Reduced Wiring Effort:** Uses a single multi-pole master cable to connect to the control cabinet. 2. **IP Rating:** Usually rated **IP65**, meaning it is protected against dust and water jets, essential for industrial environments. 3. **Modular Repair:** If a sensor fails, it can be unplugged from the SVB-KA-R without rewiring the entire system. ---
    ✨ Follow-up Questions
    • ⤷What is the specific M12 pinout configuration for the SVB-KA-R?
    • ⤷ Does the SVB-KA-R support IO-Link communication?
    • ⤷ How do I troubleshoot a 'No Signal' LED on this distributor?