Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-Z0-R

  • AI
    The **SVB-Z0-R** is an electronic accessory component primarily used in industrial automation and power distribution systems. Specifically, it is a **Terminal Block for the Z0 type Auxiliary Contact Blocks**, often associated with the **Schneider Electric (TeSys)** or **Square D** Vario series of switch disconnectors. --- ## 1. Technical Specifications The SVB-Z0-R is designed to facilitate the connection of auxiliary signals to a main switch assembly. | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Block / Connector | | **Compatibility** | Vario V02 to V2 Switch Disconnectors | | **Mounting Location** | Attached to Z0 Auxiliary Contact Blocks | | **Material** | Thermoplastic (Insulating) | | **Connection Type** | Screw Clamp Terminals | | **Operating Temperature** | -20°C to +50°C | --- ## 2. Key Electronic Functions The SVB-Z0-R acts as the physical interface for wiring auxiliary control circuits. Its roles include: * **Circuit Feedback:** It allows the connection of wires that signal to a PLC (Programmable Logic Controller) or a control panel whether the main switch is "ON" or "OFF". * **Safe Termination:** It provides secure, vibration-resistant screw terminations to ensure that low-voltage control signals are not interrupted during industrial operation. * **Modular Expansion:** It allows the user to add "Add-on" modules to a Vario switch without replacing the entire unit. --- ## 3. Wiring and Installation When dealing with the SVB-Z0-R, the following electronic considerations are vital: ### Electrical Connectivity The unit typically handles low-current control signals rather than high-power loads. - **Rated Insulation Voltage (Ui):** Usually 690V. - **Conventional Free Air Thermal Current (Ith):** Typically around 10A to 12A. ### Typical Wiring Logic ```python # Conceptual wiring logic for a Vario system with SVB-Z0-R Main_Switch = "OFF" Aux_Contact = "Open" if Switch_Handle == "Turned": Main_Switch = "ON" Aux_Contact = "Closed" # SVB-Z0-R completes the signal path Signal_to_PLC(High) ``` --- ## 4. Maintenance and Safety * **Torque Settings:** Terminals should be tightened to the manufacturer's specified torque (usually around 0.7 - 1.2 N.m) to prevent arcing or loose connections. * **IP Rating:** When correctly installed within a Vario housing, the assembly typically maintains an IP20 or IP65 rating depending on the enclosure used. ---
    ✨ Follow-up Questions
    • ⤷What is the compatible wire gauge for the SVB-Z0-R terminals?
    • ⤷ Can this terminal block be used with V3 to V6 Vario switches?
    • ⤷ What is the difference between the SVB-Z0-R and standard Z0 contacts?