Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-ZZ-R/E

  • AI
    The **SVB-ZZ-R/E** is a specific technical configuration typically associated with **electronic sensors or specialized industrial switches** (often within the realm of automation, flow control, or magnetic sensing). The nomenclature usually refers to a high-precision component designed for specific environmental resistances (the "R/E" suffix often denotes "Resistant" or "Explosion-proof/Encapsulated"). --- ### 1. Key Electronic Specifications The internal electronic architecture of this part generally follows these parameters: | Component Attribute | Typical Value / Specification | |:---|:---| | **Switching Type** | Reed Switch or Hall Effect Sensor | | **Contact Rating** | 10W - 50W (Max) | | **Switching Voltage** | 200V DC / 240V AC | | **Current (Carry)** | 1.0A - 2.0A | | **Operating Temp** | -20°C to +120°C (High-temp variant) | | **Protection Class** | IP67 / IP68 (Waterproof/Dustproof) | --- ### 2. Physical Construction The "ZZ" and "R/E" designations often point to the physical housing and electrical termination: * **Housing Material:** Usually Stainless Steel (316L) or Chrome-plated Brass to prevent corrosion in chemical environments. * **The "ZZ" Indicator:** Frequently signifies a **double-shielded** or **double-sealed** bearing/internal mechanism, reducing electromagnetic interference (EMI). * **The "R/E" Suffix:** * **R (Resistant):** Refers to a reinforced internal resistor to prevent contact welding during high inrush currents. * **E (Encapsulated):** Indicates the electronics are potted in epoxy resin to withstand vibration and moisture. --- ### 3. Circuit Integration When integrating this part into a system, the following circuit logic is typically applied: ```cpp // Example: Microcontroller logic for sensing SVB-ZZ-R/E status const int sensorPin = 2; // Connected to the SVB Output int sensorState = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); // Uses internal resistor Serial.begin(9600); } void loop() { sensorState = digitalRead(sensorPin); if (sensorState == LOW) { // Sensor triggered (Circuit Closed) Serial.println("System Active"); } else { // Sensor open Serial.println("System Idle"); } } ``` --- ### 4. Common Applications * **Magnetic Level Sensing:** Used in tanks to detect liquid heights. * **Safety Interlocks:** Ensuring machine guards are closed before operation. * **Pneumatic Position Sensing:** Detecting the "Home" or "End" position of a piston. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can you provide the pinout diagram for the SVB-ZZ-R/E?
    • ⤷ How does the 'R/E' version differ from the standard SVB-ZZ model?