Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVF-43-R

  • AI
    The **SVF-43-R** is a high-performance **High-Speed Vari-Focal (Liquid) Lens** developed by Optotune. It is a specialized opto-electronic component designed for machine vision and industrial imaging where rapid focus changes are required without moving physical camera components. --- ## 1. Technical Specifications The following table highlights the core electronic and optical parameters of the SVF-43-R: | Feature | Specification | | :--- | :--- | | **Clear Aperture** | 10 mm | | **Refractive Index** | 1.300 | | **Response Time** | < 2.5 ms (settling time < 10 ms) | | **Operating Voltage** | 0 to 5 V (typically) | | **Current Range** | -250 to +250 mA (for focal power shift) | | **Power Consumption** | 0 to 500 mW (depending on current) | | **Temperature Sensor** | Integrated (NTC Thermistor) | --- ## 2. Key Electronic Components ### A. The Electromagnetic Actuator Unlike traditional lenses that use motors to move glass elements, the SVF-43-R uses an **electromagnetic actuator**. - **Operation:** When a current is applied to the internal coil, it exerts pressure on a thin, elastic membrane containing an optical liquid. - **Deflection:** The pressure changes the curvature of the liquid, effectively changing the focal length. - **Control:** The focus is proportional to the current applied, allowing for precise, linear control. ### B. Feedback Control (EEPROM & Sensor) The lens is not just a passive element; it contains internal electronics for calibration: - **Integrated EEPROM:** Stores lens-specific calibration data (focal power vs. current curves). - **Temperature Sensor:** Since the refractive index of liquid changes with temperature, the internal NTC thermistor allows the controller to compensate for thermal drift in real-time. --- ## 3. Connectivity and Control To operate the SVF-43-R, a dedicated driver is required to convert digital signals into precise current. ### Driver Interface Most implementations use the **Optotune Lens Driver 4i** or similar industrial controllers. - **Communication:** USB, I2C, or UART. - **Analog Input:** Can often be controlled via a 0-5V analog signal for integration into legacy PLCs. ### Wiring Configuration Typically, the lens uses a 6-pin FPC (Flexible Printed Circuit) or a circular industrial connector: 1. **Pins 1-2:** Lens Actuator (Current input). 2. **Pins 3-4:** Temperature Sensor (NTC). 3. **Pins 5-6:** Internal EEPROM (I2C interface). --- ## 4. Typical Applications The electronic agility of the SVF-43-R makes it ideal for: * **High-speed Barcode Reading:** Rapidly switching focus between packages of different heights on a conveyor. * **3D Laser Processing:** Adjusting the Z-axis focus during laser marking or cutting. * **Microscopy:** Automated focus stacking (capturing multiple images at different depths). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the Optotune SVF-43-R?
    • ⤷ How does the temperature compensation algorithm work for liquid lenses?
    • ⤷ Which industrial controllers are compatible with the SVF-43-R?