Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVF-AC-R

  • AI
    The **SVF-AC-R** is typically associated with electronic components used in power distribution, specifically in the context of **Sub-Miniature Fuses** or **Voltage/Frequency relays** depending on the specific manufacturer (commonly found in automotive or industrial control systems). Below is a breakdown of the electronic characteristics and specifications generally associated with this part series. --- ## 1. Component Overview The SVF-AC-R series is most frequently identified as a **Sub-miniature Radial Lead Fuse**, designed for space-constrained circuit boards where high-density mounting is required. ### Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Fast-Acting or Time-Lag Sub-miniature Fuse | | **Mounting Style** | Through-hole (Radial Leads) | | **Voltage Rating** | 250V AC (Standard for AC-R suffix) | | **Current Range** | 50mA to 10A (Model dependent) | | **Body Material** | Thermoplastic (UL 94-V0 rated) | | **Lead Material** | Tin-plated Copper | --- ## 2. Key Features * **Space Efficiency:** The "Radial" (R) design allows the fuse to stand upright, consuming minimal PCB real estate compared to traditional glass tube fuses. * **Vibration Resistance:** The soldered radial leads provide better mechanical stability in high-vibration environments. * **Safety Compliance:** Usually carries certifications such as UL, CSA, and VDE for overcurrent protection. * **"AC-R" Suffix Meaning:** * **AC:** Highlighting the alternating current voltage rating. * **R:** Indicates Radial lead configuration or RoHS compliance (depending on the specific datasheet). --- ## 3. Internal Construction The internal structure of an SVF-AC-R fuse consists of: 1. **Fuse Element:** A precision-engineered wire or strip that melts at a specific thermal threshold. 2. **Arc Quenching:** The internal cavity is often filled with air or a specific medium to extinguish the arc when the fuse blows. 3. **Caps/Base:** Securely hold the leads and provide the insulation required for high-voltage AC applications. --- ## 4. Common Applications * **Power Supplies:** Protecting the input stage of SMPS (Switched Mode Power Supplies). * **Consumer Electronics:** Chargers, LED drivers, and televisions. * **Industrial Controls:** Protecting PLCs and sensor interfaces from short circuits. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific trip time characteristics for the SVF-AC-R series?
    • ⤷ How does the 'Fast-Acting' version compare to the 'Slow-Blow' version of this fuse?
    • ⤷ What are the recommended soldering temperature profiles for these radial components?