Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVF-D1-R

  • AI
    The **SVF-D1-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Varistor** or a **Transient Voltage Suppressor (TVS)**, often manufactured by companies like SEMITEC or similar specialized electronics firms. It is primarily used for circuit protection against electrostatic discharge (ESD) and voltage surges. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the SVF series (D1 case size): | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Component Type** | Varistor (VDR) | Metal Oxide Varistor (MOV) | | **Package Size** | SMD (Surface Mount) | 0402 or 0603 (Inches) | | **Max Working Voltage** | Maximum DC voltage allowed | 5.5V - 18V (Varies by sub-model) | | **Varistor Voltage** | Voltage where current starts to flow | ~27V @ 1mA | | **Clamping Voltage** | Max voltage during a surge | ~45V - 55V | | **Peak Current** | Max surge current capacity | 10A - 20A | --- ### 2. Physical Construction The "SVF-D1-R" features a multi-layer ceramic structure: * **Material:** Composed of Zinc Oxide (ZnO) grains. * **Termination:** Lead-free (RoHS compliant) plating, usually Nickel/Tin (Ni/Sn) for high solderability. * **Form Factor:** The "D1" designation often refers to a specific physical dimensioning standard within the manufacturer's catalog (similar to EIA 0603). --- ### 3. Functional Role in Electronics The primary purpose of this part is to act as a **safety valve** for electrical circuits. * **High Resistance (Normal State):** Under normal operating voltages, the part has very high resistance and acts as an open circuit (invisible to the system). * **Low Resistance (Surge State):** When a high-voltage spike (like ESD from a human touch) occurs, the resistance drops instantly, shunting the excess energy to the ground. * **Self-Recovery:** Once the surge passes, the part returns to its high-resistance state automatically. --- ### 4. Common Applications These parts are found in compact consumer electronics where space is limited: 1. **USB Ports:** Protection for data lines against ESD during cable insertion. 2. **LCD Modules:** Protecting sensitive driver ICs from voltage transients. 3. **Smartphones:** Used on I/O pins and antenna circuits. 4. **Microcontrollers:** Placed on Reset pins or GPIOs to prevent latch-up. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the D1 package in millimeters?
    • ⤷ How does a varistor compare to a TVS diode in terms of response time?
    • ⤷ Can the SVF-D1-R be used for AC power line protection?