Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWC108I-R15JA

  • AI
    The **SWC108I-R15JA** is an electronic component primarily used in power management circuits. It is a **Surface Mount Device (SMD) Power Inductor**. These components are essential for filtering, energy storage, and noise reduction in various electronic devices. --- ### 1. Component Overview The part number can be broken down into technical specifications typical for high-current power inductors: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance Value** | 0.15 µH (Represented by "R15") | | **Tolerance** | ±20% (Typical for "M" or "J" suffix depending on manufacturer) | | **Construction** | Shielded, metal alloy core | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Key Electronic Characteristics These parts are designed to handle high-frequency switching and high currents without saturating easily. * **Low DC Resistance (DCR):** To minimize power loss and heat generation, this inductor is built with a low DCR, ensuring efficiency in DC-DC converters. * **High Saturation Current ($I_{sat}$):** The metal alloy construction allows the inductor to maintain its inductance even when high current spikes occur. * **Magnetic Shielding:** The internal structure is shielded to prevent Electromagnetic Interference (EMI) from affecting surrounding sensitive components on the PCB. --- ### 3. Common Applications The **SWC108I-R15JA** is typically found in the following circuits: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery. 2. **DC-DC Converters:** Buck or Boost converters in laptops, tablets, and smartphones. 3. **Point of Load (POL) Supplies:** Distributed power systems where local voltage conversion is needed. 4. **Servers and Networking:** High-current power stages for routers and switches. --- ### 4. Typical Physical Dimensions The "108" in the part number often refers to the footprint size (e.g., approximately 10mm x 8mm), though exact dimensions should always be verified against the manufacturer's specific datasheet. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Isat) for the SWC108I-R15JA?
    • ⤷ How does a metal alloy inductor differ from a ferrite core inductor?
    • ⤷ What are the recommended soldering profiles for this SMD component?