Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWC63I-R12K

  • AI
    The **SWC63I-R12K** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Wire-Wound Chip Inductor**. These components are essential in managing power and filtering signals within compact electronic circuits. --- ### 1. Technical Specifications The part number follows a standard industry naming convention which defines its physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 12 µH | The nominal inductance value (indicated by "12K"). | | **Tolerance** | ±10% | The "K" suffix typically denotes a 10% tolerance range. | | **Construction** | Wire-wound | Copper wire coiled around a ceramic or ferrite core. | | **Package Size** | 6.3 x 6.3 mm (Approx) | Indicated by the "63" series designation. | | **Mounting Type** | SMD/SMT | Designed for automated surface mount assembly. | --- ### 2. Key Electronic Features * **High Q-Factor:** Due to the wire-wound construction, these inductors offer a high Quality factor, meaning they have low energy loss. * **Current Handling:** Designed to handle specific DC currents (IDC) without saturating the core, making them suitable for power management. * **Low DC Resistance (DCR):** The use of high-quality copper wire minimizes heat generation and voltage drops across the component. * **Shielding:** Many "SWC" (Shielded Wire Chip) series parts are magnetically shielded to reduce Electromagnetic Interference (EMI) with neighboring components. --- ### 3. Applications The SWC63I-R12K is commonly found in the following circuit types: 1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or SEPIC converters. 2. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power supply lines. 3. **Consumer Electronics:** Found in smartphones, tablets, and LED drivers where space is limited but efficiency is required. 4. **Communication Equipment:** Used in RF circuits for impedance matching or signal decoupling. --- ### 4. Circuit Symbol and Footprint In a schematic, this part is represented by a standard inductor symbol. ```markdown Symbol: ---( L )--- (Inductor) PCB Footprint: [ Pad ] [ Body ] [ Pad ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (IDC) for the SWC63I-R12K?
    • ⤷ How does a shielded inductor differ from an unshielded one in EMI-sensitive designs?
    • ⤷ What are the common alternatives if the 12uH value is out of stock?