Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWC63I-R22J

  • AI
    The **SWC63I-R22J** is a surface-mount (SMD) power inductor commonly used in DC-DC converters and power management circuits. It is designed to handle high currents while maintaining a low profile. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Description | Value/Meaning | | :--- | :--- | :--- | | **SWC** | Series Prefix | Shielded Wire-wound Chip Inductor | | **63** | Dimensions | Approx. 6.0 x 6.0 x 3.0 mm | | **I** | Material/Core | Iron powder or Ferrite core (series dependent) | | **R22** | Inductance Value | 0.22 µH (Microhenries) | | **J** | Tolerance | ±5% | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (e.g., Sunlord or Signal Transformer), typical specifications for this part include: * **Inductance:** 0.22 µH. * **Tolerance:** ±5% (standard for high-precision power applications). * **Saturation Current ($I_{sat}$):** Typically very high (often >10A) due to the low inductance value. * **DC Resistance (DCR):** Extremely low, usually in the range of 3mΩ to 8mΩ, minimizing power loss. * **Construction:** Magnetic shielding to reduce Electromagnetic Interference (EMI). --- ### 3. Key Electronic Functions The SWC63I-R22J performs several critical roles in a circuit: #### A. Energy Storage In switching regulators (Buck/Boost converters), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle to maintain a steady output voltage. #### B. Noise Filtering It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass. Because it is **shielded**, it prevents magnetic flux from interfering with nearby sensitive components like microcontrollers or RF modules. #### C. High-Frequency Operation The low inductance (0.22 µH) indicates this part is optimized for **high-speed switching frequencies** (e.g., 1 MHz to 3 MHz). This allows for smaller overall circuit footprints. --- ### 4. Typical Applications * **Voltage Regulator Modules (VRMs):** Used in motherboards and GPUs. * **Portable Electronics:** Smartphones, tablets, and laptops. * **Telecom Equipment:** High-efficiency distributed power systems. * **DC-DC Converters:** Point-of-Load (PoL) power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using a shielded inductor over a non-shielded one?
    • ⤷ How does the 'R22' value impact the switching frequency of a power supply?
    • ⤷ What are the common failure modes for SMD inductors like the SWC63I-R22J?