Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWC85I-R22JA

  • AI
    The **SWC85I-R22JA** is a specific electronic component, typically categorized as a **Wire-Wound Surface Mount (SMD) Inductor** (often used in power management or signal filtering). Based on the nomenclature, it belongs to the SWC series (often associated with high-current power inductors). --- ### 1. Key Technical Specifications The part number can be decoded to understand its electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.22 µH | The "R22" indicates 0.22 microhenries. | | **Tolerance** | ±5% or ±10% | The "J" usually signifies a 5% tolerance. | | **Package Type** | SMD (85) | "85" refers to the physical dimensions (approx. 8.0 x 5.0 mm). | | **Mounting** | Surface Mount | Designed for automated PCB pick-and-place assembly. | | **Material** | Ferrite Core | Provides high permeability and efficiency at high frequencies. | --- ### 2. Physical Construction The "SWC" prefix generally refers to **Shielded Wire-wound Chip** inductors. * **Core Material:** Usually a ferrite drum core. * **Shielding:** These parts are often magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Terminations:** Solder-plated copper terminals for robust mechanical attachment. --- ### 3. Typical Applications These components are designed for high-performance power circuits: 1. **DC-DC Converters:** Used as energy storage elements in buck or boost converters. 2. **Voltage Regulator Modules (VRM):** Found in motherboards and high-end server power supplies. 3. **EMI Filtering:** Used in input/output stages to smooth out current ripples and block high-frequency noise. 4. **Consumer Electronics:** Power management for laptops, tablets, and high-density power modules. --- ### 4. Selection Criteria When integrating the SWC85I-R22JA into a circuit, engineers focus on: * **Isat (Saturation Current):** The current level where inductance drops by a specific percentage. * **Irms (Heating Current):** The continuous current that causes a specific temperature rise (usually 40°C). * **DCR (DC Resistance):** Lower resistance is preferred to minimize heat loss ($P = I^2R$). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current for the SWC85I-R22JA?
    • ⤷ Are there alternative components with the same footprint?
    • ⤷ What is the operating temperature range for this inductor series?