Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWCS049F

  • AI
    The **SWCS049F** is the technical product designation for a specific family of **Surface Acoustic Wave (SAW) Filters**. These components are critical in wireless communication systems for frequency selection and noise rejection. --- ### 1. Key Technical Specifications The SWCS049F is typically used in the **GPS/GNSS** band. Below are the generalized specifications for this series: | Parameter | Typical Value | | :--- | :--- | | **Center Frequency (fc)** | 1575.42 MHz (L1 Band) | | **Bandwidth** | 2.0 MHz approx. | | **Insertion Loss** | 1.5 - 2.5 dB | | **Input/Output Impedance** | 50 $\Omega$ | | **Package Size** | 1.1 x 0.9 mm or 1.4 x 1.1 mm (SMD) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description A SAW filter like the SWCS049F converts electrical signals into mechanical (acoustic) waves using **piezoelectric material**. * **Transduction:** It uses Interdigital Transducers (IDT) to convert the RF signal into an acoustic wave. * **Filtering:** The physical spacing of the electrodes determines which frequencies can pass through. * **Rejection:** It effectively "filters out" interference from nearby cellular bands (LTE, GSM) that could drown out the weak GPS signal. --- ### 3. Pin Configuration and Application Most SWCS049F variants use a standard 5-pin or 4-pin surface mount layout: ```text Standard Layout (Bottom View): [ 1 ] - Input [ 2 ] - Ground [ 3 ] - Ground [ 4 ] - Output [ 5 ] - Ground ``` #### Common Applications: * **GPS Receivers:** Handheld units, automotive navigation. * **Mobile Phones:** Ensuring GPS signals aren't interference by 4G/5G transmissions. * **IoT Modules:** Narrowband tracking devices. --- ### 4. Handling Precautions Because these are Piezoelectric devices, they are sensitive to: 1. **ESD (Electrostatic Discharge):** They can be easily damaged by static electricity; handle in ESD-safe environments. 2. **Moisture:** Usually rated MSL 3; requires proper baking if exposed to air for extended periods. 3. **Mechanical Stress:** Excessive pressure on the ceramic lid can cause frequency shifts. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a SAW filter and a BAW filter?
    • ⤷ How do I match the impedance of the SWCS049F to my LNA?
    • ⤷ Can this part be used for GLONASS or Galileo frequencies?