Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWF1608CF-R18M

  • AI
    The **SWF1608CF-R18M** is a high-frequency wire-wound chip inductor typically used in telecommunications and signal-processing circuits. It is designed in a 0603 (1608 metric) surface-mount package. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its specific electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SWF** | Series Name | Wire-wound Ferrite Inductor series | | **1608** | Case Size | 1.6mm x 0.8mm (EIA 0603) | | **CF** | Material/Type | Specific core material (Ceramic/Ferrite) | | **R18** | Inductance Value | 0.18 µH (180 nH) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications The following table outlines the typical performance parameters for this component: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.18 µH (180 nH) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.15 Ω (Max) | | **Rated Current** | ~500 mA to 700 mA | | **Self-Resonant Frequency (SRF)** | >400 MHz | | **Operating Temperature** | -40°C to +105°C | --- ### 3. Key Electronic Characteristics * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design offers a significantly higher **Q-factor (Quality Factor)** and lower DC resistance, making it more efficient for high-frequency signal applications. * **High Resonance:** Its high SRF (Self-Resonant Frequency) ensures that the component maintains inductive behavior even at high frequencies without turning capacitive too early. * **Size Efficiency:** The 0603 footprint allows for high-density PCB placement, essential for modern mobile devices and compact RF modules. --- ### 4. Applications This part is commonly found in: 1. **RF Matching Circuits:** Used in antenna tuning and impedance matching. 2. **Filter Circuits:** Low-pass or band-pass filters in wireless communication devices. 3. **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive ICs. 4. **Bluetooth/WLAN Modules:** Found in the signal path of compact wireless modules. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the 'M' tolerance impact high-frequency circuit performance?
    • ⤷ Can this inductor be used in high-power switching power supplies?