Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWF1608LF-R33K

  • AI
    The **SWF1608LF-R33K** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are typically used in RF (Radio Frequency) circuits for filtering, impedance matching, and resonance. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SWF** | Series | Signal Wire-wound Ferrous/Ferrite core series | | **1608** | Case Size | Metric dimensions: 1.6mm x 0.8mm (Equivalent to **EIA 0603**) | | **LF** | Lead-Free | Compliant with RoHS environmental standards | | **R33** | Inductance Value | R denotes the decimal. **0.33 µH (330 nH)** | | **K** | Tolerance | **±10%** deviation from the nominal inductance | --- ### 2. Key Technical Specifications Based on standard industry datasheets for the SWF1608 series, the "R33K" variant generally adheres to these parameters: * **Inductance:** 0.33 µH (330 nH) * **Test Frequency:** Typically measured at 25.2 MHz. * **Quality Factor (Q):** High Q (usually > 15-20), making it efficient for RF signal processing. * **Self-Resonant Frequency (SRF):** High SRF (typically > 500 MHz), ensuring the component behaves as an inductor at high frequencies. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat. * **Rated Current:** Usually ranges between 200mA to 450mA depending on the specific manufacturer's thermal rating. --- ### 3. Construction and Materials The "LF" designation and "SWF" series imply specific manufacturing choices: 1. **Wire-Wound Core:** Fine copper wire is wound around a ceramic or ferrite core. This provides higher Q factors and higher current handling compared to multilayer chips. 2. **Encapsulation:** Often coated with a clear or colored epoxy resin to protect the windings from mechanical damage and oxidation. 3. **Terminations:** Solder-plated end caps designed for standard reflow soldering processes. --- ### 4. Common Applications * **Mobile Communication:** Cell phones, GPS modules, and Wi-Fi routers. * **Impedance Matching:** Used in the input/output stages of RF amplifiers to ensure maximum power transfer. * **Filtering:** Low-pass or band-pass filters to remove unwanted noise from high-frequency signals. * **Bluetooth/Zigbee:** Small form factor (0603) makes it ideal for compact wearable tech.
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the 'Q factor' affect the performance of this inductor?
    • ⤷ Can this part be used in power supply decoupling or is it strictly for signals?