Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWF1608LF-R39K

  • AI
    The **SWF1608LF-R39K** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits, communication devices, and signal processing modules. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific characteristics: | Component Segment | Value | Description | | :--- | :--- | :--- | | **SWF** | Series | Signal Wire-Wound Ferrite Inductor | | **1608** | Case Size | 1.6mm x 0.8mm (EIA 0603) | | **LF** | Lead-Free | RoHS Compliant / Lead-Free termination | | **R39** | Inductance | 0.39 µH (390 nH) | | **K** | Tolerance | ±10% | --- ### 2. Technical Specifications These parts are designed for stability and high performance in compact environments. * **Inductance:** 0.39 µH (390 nH) * **Tolerance:** ±10% * **Self-Resonant Frequency (SRF):** Typically very high (often >250 MHz), allowing for use in RF applications. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** The maximum current it can carry before the temperature rises significantly or inductance drops (saturation). --- ### 3. Key Features & Construction 1. **Wire-Wound Technology:** Unlike multilayer inductors, the wire-wound construction offers a much higher **Q-factor** (Quality Factor) and lower DC resistance. 2. **Ferrite Core:** The core material is ferrite, which provides high permeability, allowing for higher inductance values in a small 0603 footprint. 3. **Stability:** High resistance to thermal shock and mechanical stress, making it suitable for automated "pick and place" assembly. 4. **Magnetic Shielding:** Depending on the specific sub-series, these may offer some level of magnetic shielding to reduce EMI (Electromagnetic Interference). --- ### 4. Common Applications | Category | Typical Use Case | | :--- | :--- | | **Telecommunications** | Filtering and matching circuits in smartphones and Wi-Fi modules. | | **Consumer Electronics** | Power management in tablets, cameras, and portable devices. | | **RF Modules** | High-frequency signal amplification and noise suppression. | | **Automotive** | Used in infotainment systems (note: check if AEC-Q200 qualified for engine use). | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer inductors in terms of performance?
    • ⤷ How does the 'K' tolerance compare to 'J' or 'M' tolerances in inductor selection?
    • ⤷ What are the typical DC Resistance (DCR) values for the SWF1608 series?