Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWF2012CF

  • AI
    The **SWF2012CF** series refers to a specific type of **Common Mode Choke Coil** (Inductor) designed for surface-mount technology (SMT). These components are primarily used to suppress high-frequency noise (Electromagnetic Interference - EMI) in differential signal lines. --- ### 1. General Specifications The part number "2012" refers to the metric dimensions of the component. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Common Mode Choke / Filter | | **Package Size** | 2012 Metric (0805 Imperial) | | **Dimensions** | 2.0mm x 1.2mm | | **Application** | High-speed differential signal lines (USB, HDMI, MIPI) | | **Mounting** | SMD (Surface Mount Device) | --- ### 2. Internal Electronic Structure The SWF2012CF consists of two coils wound around a single ferrite core. This construction allows for specific electrical behavior: * **Differential Mode:** When the signal flows in opposite directions (intended data), the magnetic fields cancel out, allowing the signal to pass with minimal attenuation. * **Common Mode:** When noise flows in the same direction on both lines, the magnetic fields add up, creating high impedance and effectively "choking" or blocking the noise. --- ### 3. Key Performance Parameters When selecting or analyzing an SWF2012CF part, engineers look at these specific electronic values: | Parameter | Description | | :--- | :--- | | **Common Mode Impedance** | Measured in Ohms ($\Omega$) at 100MHz. Typical values range from $67\Omega$ to $220\Omega$. | | **DC Resistance (RDC)** | The resistance of the wire itself; lower is better to prevent signal loss. | | **Rated Current** | The maximum amount of DC current the part can handle without overheating (usually 200mA to 400mA). | | **Rated Voltage** | Maximum voltage between the lines (typically 50V DC). | | **Insulation Resistance** | The resistance between the two separate coils (usually $>10M\Omega$). | --- ### 4. Typical Applications These parts are commonly found in compact consumer electronics where space is limited but high-speed data integrity is crucial: 1. **Mobile Devices:** Suppression of noise in MIPI (camera/display) interfaces. 2. **Computer Peripherals:** USB 2.0/3.0 lines to prevent EMI from radiating out of cables. 3. **Audio/Video:** HDMI signal filtering to ensure a clean picture and sound. 4. **LVDS Lines:** Used in low-voltage differential signaling for industrial displays. --- ### 5. Part Number Breakdown (Example) While manufacturers vary slightly, the code usually breaks down as follows: * **SWF:** Series name (Wire-wound Filter). * **2012:** Size (2.0mm x 1.2mm). * **C:** Material/Core characteristic. * **F:** Lead-free / RoHS compliant.
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise?
    • ⤷ How do I calculate the cutoff frequency for a 2012 size choke?
    • ⤷ Can these components be used for power supply filtering?